Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680BRJZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7680BRJZ-R2
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680BRJZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7680BRJZ-R2 Datasheet HTML 14Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 15Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 16Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 17Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 18Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 19Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 20Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 21Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD7680
Rev. A | Page 17 of 24
SERIAL INTERFACE
Figure 20 shows the detailed timing diagram for serial
interfacing to the AD7680. The serial clock provides the
conversion clock and also controls the transfer of information
from the AD7680 during conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode,
takes the bus out of three-state, and samples the analog input.
The conversion is also initiated at this point and requires at least
20 SCLK cycles to complete. Once 17 SCLK falling edges have
elapsed, the track-and-hold goes back into track mode on the
next SCLK rising edge. Figure 20 shows a 24 SCLK transfer that
allows a 100 kSPS throughput rate. On the 24th SCLK falling
edge, the SDATA line goes back into three-state. If the rising
edge of CS occurs before 24 SCLKs have elapsed, the conversion
terminates and the SDATA line goes back into three-state;
otherwise SDATA returns to three-state on the 24th SCLK
falling edge as shown in Figure 20.
A minimum of 20 serial clock cycles are required to perform
the conversion process and to access data from the AD7680.
CS going low provides the first leading zero to be read in by the
microcontroller or DSP. The remaining data is then clocked out
by subsequent SCLK falling edges beginning with the second
leading zero; thus the first falling clock edge on the serial clock
has the first leading zero provided and also clocks out the
second leading zero. If a 24 SCLK transfer is used as in Figure 20,
the data transfer consists of four leading zeros followed by the
16 bits of data, followed by four trailing zeros. The final bit
(fourth trailing zero) in the data transfer is valid on the 24th
falling edge, having been clocked out on the previous (23rd)
falling edge. If a 20 SCLK transfer is used as shown in Figure 21,
the data output stream consists of only four leading zeros
followed by 16 bits of data with the final bit valid on the 20th
SCLK falling edge. A 20 SCLK transfer allows for a shorter cycle
time and therefore a faster throughput rate is achieved.
tQUIET
tCONVERT
t1
t8
t7
t5
t6
t3
t4
4 LEADING ZEROS
3-STATE
3-STATE
0
ZERO
ZERO
ZERO
DB15
DB1
DB0
ZERO
ZERO
ZERO
ZERO
SCLK
1234
5
18
19
20
21
22
23
24
SDATA
4 TRAILING ZEROS
CS
t2
Figure 20. AD7680 Serial Interface Timing Diagram—24 SCLK Transfer
tQUIET
t6
t5
t7
t8
t4
t3
tCONVERT
t2
t1
0
0
ZERO
ZERO
ZERO
DB15
DB1
DB0
SCLK
12
34
5
18
19
20
SDATA
CS
4 LEADING ZEROS
3-STATE
3-STATE
Figure 21. AD7680 Serial Interface Timing Diagram—20 SCLK Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com