Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680BRJZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7680BRJZ-R2
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680BRJZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7680BRJZ-R2 Datasheet HTML 15Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 16Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 17Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 18Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 19Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 20Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 21Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 22Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD7680
Rev. A | Page 18 of 24
It is also possible to take valid data on each SCLK rising edge
rather than falling edge, since the SCLK cycle time is long
enough to ensure the data is ready on the rising edge of SCLK.
However, the first leading zero is still driven by the CS falling
edge, and so it can be taken on only the first SCLK falling edge.
It may be ignored and the first rising edge of SCLK after the CS
falling edge would have the second leading zero provided and
the 23rd rising SCLK edge would have the final trailing zero
provided. This method may not work with most
microcontrollers/DSPs but could possibly be used with FPGAs
and ASICs.
AD7680 TO ADSP-218x
The ADSP-218x family of DSPs can be interfaced directly to the
AD7680 without any glue logic required. The SPORT control
register should be set up as follows:
TFSW = RFSW = 1, Alternate Framing
INVRFS = INVTFS = 1, Active Low Frame Signal
DTYPE = 00, Right Justify Data
SLEN = 0111, 8-Bit Data-Words
ISCLK = 1, Internal Serial Clock
TFSR = RFSR = 0, Frame First Word
IRFS = 0
ITFS = 1
To implement the power-down mode, SLEN should be set to
0111 to issue an 8-bit SCLK burst. The connection diagram is
shown in Figure 22. The ADSP-218x has the TFS and RFS of the
SPORT tied together, with TFS set as an output and RFS set as
an input. The DSP operates in alternate framing mode and the
SPORT control register is set up as described. Transmit and
receive autobuffering is used in order to get a 24 SCLK transfer.
Each buffer contains three 8-bit words. The frame synchroniza-
tion signal generated on the TFS is tied to CS, and as with all
signal processing applications, equidistant sampling is necessary.
In this example, the timer interrupt is used to control the
sampling rate of the ADC.
SCLK
AD7680*
SDATA
CS
ADSP-218x*
SCLK
*ADDITIONAL PINS OMITTED FOR CLARITY
DR
RFS
TFS
Figure 22. Interfacing to the ADSP-218x
The timer register is loaded with a value that provides an
interrupt at the required sample interval. When an interrupt is
received, the values in the transmit autobuffer start to be
transmitted and TFS is generated. The TFS is used to control
the RFS and therefore the reading of data. The data is stored in
the receive autobuffer for processing or to be shifted later. The
frequency of the serial clock is set in the SCLKDIV register.
When the instruction to transmit with TFS is given, i.e.,
TX0 = AX0, the state of the SCLK is checked. The DSP waits
until the SCLK has gone high, low, and high again before
transmission starts. If the timer and SCLK values are chosen
such that the instruction to transmit occurs on or near the
rising edge of SCLK, the data may be transmitted or it may wait
until the next clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com