Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680BRJZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7680BRJZ-R2
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680BRJZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7680BRJZ-R2 Datasheet HTML 17Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 18Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 19Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 20Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 21Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 22Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 23Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 24Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AD7680
Rev. A | Page 21 of 24
ORDERING GUIDE
Model1
Temperature
Range
Linearity
Error (LSB)2
Package Description
Package
Option
Branding
AD7680ARJZ-REEL7
−40°C to +85°C
14 Bits Min
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
C40
AD7680ARM
−40°C to +85°C
14 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
CQA
AD7680ARM-REEL
−40°C to +85°C
14 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
CQA
AD7680ARM-REEL7
−40°C to +85°C
14 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
CQA
AD7680ARMZ
−40°C to +85°C
14 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
C40
AD7680BRJZ-R2
−40°C to +85°C
15 Bits Min
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
C3H
AD7680BRJZ-REEL7
−40°C to +85°C
15 Bits Min
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
C3H
AD7680BRM
−40°C to +85°C
15 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
CQB
AD7680BRM-REEL
−40°C to +85°C
15 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
CQB
AD7680BRM-REEL7
−40°C to +85°C
15 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
CQB
AD7680BRMZ
−40°C to +85°C
15 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
C3H
AD7680BRMZ-REEL
−40°C to +85°C
15 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
C3H
AD7680BRMZ-REEL7
−40°C to +85°C
15 Bits Min
8-Lead Mini Small Outline Package (MSOP)
RM-8
C3H
1 Z = RoHS Compliant Part.
2 Linearity error here refers to no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com