Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL652 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL652
Description  USB 7 PORT HUB CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL652 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL652 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
USBHUB.DSN
1.2
CIRCUIT FOR GENESYS 7-PORT USB HUB
B
1
4
Thursday, August 17, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
LED4
LED1
LED2
LED3
LED4
LED5
LED6
LED5
LED6
LED7
SUSPEND
XTAL1
VCP
OVRCUR4#
PWRENB4#
PWRENB6#
DP0
DM0
DP7
DM7
DP1
DM1
DP6
DM6
DP4
DM4
VOUT1
OVRCUR6#
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
B_VCC
B_VCC
B_VCC
B_VCC
R2
1K
R9
1K
C2
30P
C1
0.1U
D7
LED
D1
LED
R1
1M
R3
1K
D2
LED
Y1 12 MHz
R4
1K
D3
LED
+
C5
4.7U
R5
1K
D4
LED
R7
1K
D5
LED
C3
30P
R6
24
R11
1M
C4
0.1U
C6
0.1U
R8
1K
D6
LED
R10 10K
U1
GL652USB
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
DP0
DM0
AGND
DP7
DM7
DP1
DM1
DP6
DM6
DP4
DM4
AVCC
DGND
XTAL1
XTAL2
OVRCUR6#
TEST
PWRENB6#
LED6
PWRENB4#
LED5
OVRCUR4#
LED4
RESET
9. Application Circuits (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com