Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL652 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GL652
Description  USB 7 PORT HUB CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL652 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GL652 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
08/18/00
GL652USB 7 PORT USB HUB CONTROLLER
Revision 1.2
1
FEATURES
• High performance and low-cost solution for USB hub
• USB Specification Compliance
− Conforms to USB specification Rev. 1.1
− Supports 1 device address and 2 endpoints
• 8-bit micro-processor
− RISC-like architecture
− USB optimized instruction set
− Single cycle instruction execution
− Operation Speed: DC to 24 MHz clock input
− Performance: 12 MIPS @ 24MHz
• I/O ports
− 7-port hub
• Internal memory
− 64 bytes of RAM
− 1.75K × 14 of program ROM
• On-chip 3.3v output
− No external regulator required
• Integrated USB transceiver
• 12 MHz external clock
• Improved output drivers with slew-rate control to reduce EMI
• Internal power-on reset(POR)
• Internal power-fail detector for ESD recovery
• Support suspend/normal mode power management
• Support power management for downstream port devices
• Automatic switching between self/bus powered mode
• Smart LED traffic indicator
− The higher data traffic flows through one port, the higher frequency that port’s
LED will blink.
• Applications:
− Stand-alone USB hub
− PC motherboard USB hub
• 48 pin LQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com