Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL652 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # GL652
Description  USB 7 PORT HUB CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL652 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL652 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
A 6V adapter is
recommended.
USBHUB.DSN
1.2
CIRCUIT FOR GENESYS 7-PORT USB HUB
Custom
2
4
Thursday, August 17, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
FLG1#
FLG2#
FLG1#
FLG2#
FLG3#
FLG4#
FLG3#
FLG4#
FLG5#
FLG6#
FLG5#
FLG6#
FLG7#
FLG7#
B_VCC
B_VCC
B_VCC
B_VCC
B_VCC
B_VCC
B_VCC
B_VCC
VCC
B_VCC
REN
S_VCC
S_VCC
REN
VCC
S_VCC
REN
VCC
PWRENB1#
PWRENB2#
VOUT1
VOUT2
OVRCUR2#
PWRENB3#
PWRENB4#
VOUT3
VOUT4
OVRCUR3#
OVRCUR4#
PWRENB5#
PWRENB6#
VOUT5
VOUT6
OVRCUR5#
OVRCUR6#
PWRENB7#
VOUT7
OVRCUR7#
OVRCUR1#
B_VCC
SELF
VCC
VCC
VCC
VCC
VCC
C12
47U
Q1
TP0610T
G
C20
0.1U
C11
0.1U
Q5
2N7002
G
C8
0.1U
U4
MIC2526-8
1
2
3
4
5
6
7
8
ENA#
FLGA#
FLGB#
ENB#
OUTB#
GND
IN
OUTA#
U5
MIC2526-8
1
2
3
4
5
6
7
8
ENA#
FLGA#
FLGB#
ENB#
OUTB#
GND
IN
OUTA#
U7
MIC2526-8
1
2
3
4
5
6
7
8
ENA#
FLGA#
FLGB#
ENB#
OUTB#
GND
IN
OUTA#
R22 10K
R27 10K
R34 10K
R19
10K
R25
10K
R24
267K,%1
R33
10K
R23 10K
R28 10K
R20
10K
R26
10K
U2
MIC2526-8
1
2
3
4
5
6
7
8
ENA#
FLGA#
FLGB#
ENB#
OUTB#
GND
IN
OUTA#
R21
825K,%1
C14
0.1U
J1
POWER JACK
R18
4.7K
C19
0.1U
C18
0.1U
R32
267K,%1
R30
1M
R16
4.7K
Q2
2N7002
G
R29
470
Q3
FDN340P
G
R14 10K
R12
10K
R15 10K
R13
10K
R17
1M
C15
0.1U
C13
0.1U
C17
0.1U
C10
0.1U
U6
MIC 29302
U3
MIC 29302
C16
0.1U
C7
0.1U
R31
825K,%1
C9
0.1U
Q4
2N7002
G
9. Application Circuits (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com