Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL652USB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL652USB
Description  USB 7 PORT HUB CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL652USB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL652USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
08/18/00
GL652USB 7 PORT USB HUB CONTROLLER
Revision 1.2
29
PWRENB4#
O
Power enable for downstream port 4
30
LED6
O
LED traffic indicator for downstream port 6
31
PWRENB6#
O
Power enable for downstream port 6
32
TEST
I
Test mode input
33
OVCUR6#
I
Over current flag for downstream port6
34
XTAL2
O
Ceramic resonator or crystal out
35
XTAL1
I
Ceramic resonator or crystal in
36
DGND
-
Digital ground
37
PWRENB3#
O
Power enable for downstream port 3
38
OVCUR3#
I
Over current flag for downstream port3
39
LED7
O
LED traffic indicator for downstream port 7
40
OVCUR7#
I
Over current flag for downstream port7
41
DVCC
-
Digital VCC(5V)
42
OVCUR5#
I
Over current flag for downstream port5
43
PWRENB5#
O
Power enable for downstream port 5
44
PWRENB2#
O
Power enable for downstream port 2
45
PWRENB7#
O
Power enable for downstream port 7
46
OVCUR2#
I
Over current flag for downstream port2
47
PWRENB1#
O
Power enable for downstream port 1
48
OVCUR1#
I
Over current flag for downstream port1
Note 1: “#” means low active
Note 2: If using crystal, TEST pull low. If using oscillator, TEST pull high.
Table 1 GL652USB Pin Definitions and Descriptions
GL650USB
DP0
1
DM0
2
AGND
3
DP7
4
DM7
5
DP1
6
DM1
7
DP6
8
DM6
9
DP4
10
DM4
11
AVCC
12
DGND
36
XTAL1
35
XTAL2
34
OVRCUR6#
33
TEST
32
PWRENB6#
31
LED6
30
PWRENB4#
29
LED5
28
OVRCUR4#
27
LED4
26
RESET
25
GL652USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com