Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL652USB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL652USB
Description  USB 7 PORT HUB CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL652USB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL652USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
08/18/00
GL652USB 7 PORT USB HUB CONTROLLER
Revision 1.2
SELF
: 0 - HUB is bus powered.
1 - HUB is self powered.
GANG
: 0 - HUB is in individual mode.
1 - HUB is in ganged mode.
EVTFLG
( offset 01, default = 00h )
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
USBRST
SOF
C_LCPWR WAKEUP
SUSPD
EP1TX
EP0TX
EP0RX
Interrupt event flag –
EP0RX
: a SETUP or OUT transaction to endpoint 0 is accepted
EP0TX
: USB host controller accepts data transmitted via endpoint 0.
EP1TX
: USB host controller accepts data transmitted via endpoint 1
SUSPD
: the controller goes into suspend state
WAKEUP
: remote wakeup is detected when global suspended
SOF
: SOF detected or generated by HUB timer.
C_LCPWR
: POWER source change.
USBRST
: End of USB reset
RXCTL0
( offset 02, default = 40h )
R/W
R/O
R/O
R/O
R/O
R/O
R/O
R/O
RXDIS
RXSETUP
RXOUT
RXSEQ
RXCNT3
RXCNT2
RXCNT1
RXCNT0
Status of endpoint 0 receiving –
RXCNT3~0
: EP0 received data byte count.
RXSEQ
: 1 - The received data PID is DATA1
0 - The received data PID is DATA0
RXOUT
: 1 - The received token PID is OUT.
RXSETUP
: 1 - The received token PID is SETUP.
RXDIS
: 0 - Endpoint 0 FIFO is empty and ready for data-packet receiving.
1 - Endpoint 0 FIFO is filled with data and will reject the new-coming data
packet.
If RXDIS = 1, the device will not accept an OUT transaction addressed to it, and will respond
with a NAK to an error-free transaction. Hardware will automatically set RXDIS after a
successful receiving. After processing, the micro-controller should clear RXDIS to enable next
data-packet receiving or free FF0 for filling of the data to transmit. Note that a SETUP
transaction addressed to the device is always accepted even though RXDIS = 1.
TXCTL0
( offset 03, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
--
EP0STL
EP0OE
EP0SEQ
EP0CNT3
EP0CNT2
EP0CNT1
EP0CNT0
Endpoint 0 transmit setting –
EP0CNT3~0
: number of data bytes to transmit
EP0OE
: enable data transmit
1 – ready to transmit data packet
0 – not ready to transmit data packet (default)
EP0SEQ
: data packet type
0 –DATA0
1 –DATA1
EP0STL
: set endpoint 0 stall
1 – EP0 will respond to USB host controller with STALL packet
EP0STL will be automatically cleared when a setup transaction is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com