Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL652USB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL652USB
Description  USB 7 PORT HUB CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL652USB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL652USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL652USB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
08/18/00
GL652USB 7 PORT USB HUB CONTROLLER
Revision 1.2
Host command to the hub:
PT_CMD3~0
: 4’h0 –SetPortFeature(PORT_SUSPEND)
: 4’h1 –SetPortFeature(PORT_RESET)
: 4’h2 –SetPortFeature(PORT_POWER)
: 4’h3 –ClearPortFeature(PORT_ENABLE)
: 4’h4 –ClearPortFeature(PORT_SUSPEND)
: 4’h5 –ClearPortFeature(PORT_POWER)
: 4’h6 –ClearPortFeature(C_PORT_RESET)
: 4’h7 –ClearPortFeature(C_PORT_OVER_CURRENT)
: 4’h8 –ClearPortFeature(C_PORT_SUSPEND)
: 4’h9 –ClearPortFeature(C_PORT_ENABLE)
: 4’hA –ClearPortFeature(C_PORT_CONNECTION)
HB_CMD3
: 1’b1 –SetHubFeature(C_HUB_LOCAL_POWER)
HB_CMD2
: 1’b1 –SetHubFeature(C_HUB_OVER_CURRENT)
HB_CMD1
: 1’b1 –ClearHubFeature(C_HUB_LOCAL_POWER)
HB_CMD0
: 1’b1 –ClearHubFeature(C_HUB_OVER_CURRENT)
ENP1_IND
( offset 0C, default = 00h )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
PT7
PT6
PT5
PT4
PT3
PT2
PT1
HUB
Endpoint 1 interrupt change indicator
TRXFLAG
( offset 0D, default = 00h )
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
--
P7_TRX
P6_TRX
P5_TRX
P4_TRX
P3_TRX
P2_TRX
P1_TRX
Upstream traffic flag:
P1_TRX
: upstream traffic happens on downstream port 1
P2_TRX
: upstream traffic happens on downstream port 2
P3_TRX
: upstream traffic happens on downstream port 3
P4_TRX
: upstream traffic happens on downstream port 4
P5_TRX
: upstream traffic happens on downstream port 5
P6_TRX
: upstream traffic happens on downstream port 6
P7_TRX
: upstream traffic happens on downstream port 7
LED_INIT
( offset 0E, default = 00h )
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
--
P7_ON
P6_ON
P5_ON
P4_ON
P3_ON
P2_ON
P1_ON
LED initial flag:
P1_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
P2_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
P3_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
P4_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
P5_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
P6_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
P7_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com