Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40193 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF40193
Description  PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40193 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF40193 Datasheet HTML 1Page - STMicroelectronics HCF40193 Datasheet HTML 2Page - STMicroelectronics HCF40193 Datasheet HTML 3Page - STMicroelectronics HCF40193 Datasheet HTML 4Page - STMicroelectronics HCF40193 Datasheet HTML 5Page - STMicroelectronics HCF40193 Datasheet HTML 6Page - STMicroelectronics HCF40193 Datasheet HTML 7Page - STMicroelectronics HCF40193 Datasheet HTML 8Page - STMicroelectronics HCF40193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2002
s
INDIVIDUAL CLOCK LINES FOR COUNTING
UP OR COUNTING DOWN
s
SYNCHRONOUS HIGH-SPEED CARRY AND
BORROW PROPAGATION DELAYS FOR
CASCADING
s
ASYNCHRONOUS RESET AND PRESET
CAPABILITY
s
MEDIUM-SPEED OPERATION - fCL = 8MHz
(typ.) AT 10 V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF40193B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF40193B Presettable Binary Up/Down Counter
consists of 4 synchronously clocked, GATED "D"
type flip-flops connected as a counter. The inputs
consist of four individual jam lines, a PRESET
ENABLE control, individual CLOCK UP and
CLOCK DOWN signals and a master RESET.
Four buffered Q signal outputs as well as CARRY
and BORROW outputs for multiple-stage counting
schemes are provided. The counter is cleared so
that all outputs are in a low state by a high on the
RESET
line.
A
RESET
is
accomplished
asynchronously with the clock. Each output is
individually programmable asynchronously with
the clock to the level on the corresponding jam
input when the PRESET ENABLE control is low.
The counter counts up one count on the positive
clock edge of the CLOCK UP signal provided the
CLOCK DOWN line is high. The counter counts
down one count on the positive clock edge of the
CLOCK DOWN signal provided the CLOCK UP
line is high. The CARRY and BORROW signals
are high when the counter counts up or down. The
CARRY signal goes low one-half clock cycle after
the counter reaches its maximum count in the
count-up mode. The BORROW signal goes low
HCF40193B
PRESETTABLE UP/DOWN COUNTERS
(DUAL CLOCK WITH RESET) BINARY TYPE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF40193BEY
SOP
HCF40193BM1
HCF40193M013TR
DIP
SOP


Similar Part No. - HCF40193

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40193B STMICROELECTRONICS-HCF40193B Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
HCF40193BC1 STMICROELECTRONICS-HCF40193BC1 Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
HCF40193BEY STMICROELECTRONICS-HCF40193BEY Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
HCF40193BF STMICROELECTRONICS-HCF40193BF Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
HCF40193BM1 STMICROELECTRONICS-HCF40193BM1 Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
More results

Similar Description - HCF40193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
STMicroelectronics
HCC40192B STMICROELECTRONICS-HCC40192B Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com