Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86384 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT86384
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86384 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT86384 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Pad Name
I/O
Mask Option
Description
INT
I
Falling Edge Trigger
or Falling/Rising Edge
Trigger
External interrupt Schmitt trigger input without pull-high resistor. Choice
falling edge trigger or falling/rising edge trigger by mask option. Falling
edge triggered active on a high to low transition. Rising edge triggered
active on a low to high transition.
OSC1
OSC2
¾
RC or Crystal
OSC1 and OSC2 are connected to an RC network or a crystal (by mask
option) for the internal system clock. In the case of RC operation, OSC2
is the output terminal for 1/4 system clock.
The system clock may come from the crystal, the two pins cannot be
floating.
AUD
O
¾
Audio output for driving a external transistor or for driving HT82V733
NC
¾¾
No connection
TEST
¾¾
No connection (open)
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz/8MHz
2.4
¾
5.2
V
ISTB1
Standby Current (Watchdog Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
ISTB2
Standby Current(Watchdog On)
3V
No load, system HALT
¾¾
7
mA
5V
¾¾
10
IDD
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
¾¾
3
mA
5V
¾¾
7
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
¾
4
¾
mA
5V
¾
10
¾
IOH
I/O Port Source Current
3V
VOH=0.9VDD
¾-2
¾
mA
5V
¾-5
¾
IO
AUD Source Current
3V
VOH=0.9VDD
¾-3
¾
mA
5V
¾-6
¾
VIL1
Input Low Voltage for I/O Ports
3V
¾¾
1.3
¾
V
VIH1
Input High Voltage for I/O Ports
3V
¾¾
1.8
¾
V
VIL2
Reset Low Voltage (RES)3V
¾¾
1.5
¾
V
VIH2
Reset High Voltage (RES)3V
¾¾
2.4
¾
V
fSYS
System Frequency
3V
ROSC=100k
W For HT86072, HT86144,
HT86192, HT86384 only
¾
4.0
¾
MHz
ROSC=62k
W¾
8.0
¾
ROSC=240k
W For HT86576, HT86768
only
¾
4.0
¾
ROSC=150k
W¾
8.0
¾
HT86XXX
Rev. 1.70
12
May 6, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com