Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86384 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT86384
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86384 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT86384 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS1
System Clock (RC OSC)
¾ 2.4V~5.2V
4
¾
8
MHz
fSYS2
System Clock (Crystal OSC)
¾ 2.4V~5.2V
4
¾
8
MHz
fTIMER
Timer Input Frequency
¾ 2.4V~5.2V
0
¾
8
MHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tWDT1
Watchdog Time-out Period
(WDT OSC)
3V
Without WDT prescaler
11
23
46
ms
5V
8
17
33
ms
tWDT2
Watchdog Time-out Period (Sys-
tem Clock)
¾ Without WDT prescaler
¾ 1024 ¾
tSYS
tWDT3
Watchdog Time-out Period (RTC
OSC)
¾ Without WDT prescaler
¾ 7.812 ¾
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾ 1024 ¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Characteristics Curves
HT86072/HT86144/HT86192/HT86384 R vs. F Characteristics Curve
HT86XXX
Rev. 1.70
13
May 6, 2004
H T 8 6 0 7 2 / H T 8 6 1 4 4 / H T 8 6 1 9 2 / H T 8 6 3 8 4 R v s . F C h a r t
1 0
8
6
4
2
R ( k W )
4 . 5 V
3 . 0 V
1 1 5
1 0 5
9 5
8 5
7 5
6 5
5 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com