Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86384 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT86384
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86384 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT86384 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
HT86XXX
Rev. 1.70
20
May 6, 2004
Address RAM Mapping
Read/Write
Description
0FH
TMR1H
R/W
Timer/Event counter 1 higher-byte register
10H
TMR1L
R/W
Timer/Event counter 1 lower-byte register
11H
TMR1C
R/W
Timer/Event counter 1 control register
12H
PA
R/W
Port A I/O data register
13H
PAC
R/W
Port A I/O control register
14H
PB
R/W
Port B I/O data register
15H
PBC
R/W
Port B I/O control register
16H
PC
R/W
Port C I/O data register
17H
PCC
R/W
Port C I/O control register
18H
LATCH0H
R/W
Voice ROM address latch 0 [A23~A16]
19H
LATCH0M
R/W
Voice ROM address latch 0 [A15~A8]
1AH
LATCH0L
R/W
Voice ROM address latch 0 [A7~A0]
1BH
LATCH1H
R/W
Voice ROM address latch 1 [A23~A16]
1CH
LATCH1M
R/W
Voice ROM address latch 1 [A15~A8]
1DH
LATCH1L
R/W
Voice ROM address latch 1 [A7~A0]
1EH
INTCH
R/W
Interrupt control register 1
1FH
TBHP
R/W
Table pointer higher-order byte register
20H
TMR2H
R/W
Timer Counter 2 higher-byte register
21H
TMR2L
R/W
Timer Counter 2 lower-byte register
22H
TMR2C
R/W
Timer Counter 2 control register
23H
Unused
24H
TMR3L
R/W
Timer Counter 3 lower-byte register
25H
TMR3C
R/W
Timer Counter 3 control register
26H
VOICEC
R/W
Voice control register
27H
DAL
R/W, higher-nibble
available only
DAC output data D3~D0 to DAL7~DAL4
28H
DAH
R/W
DAC output data D11~D4 to DAH7~DAH0
29H
VOL
R/W, higher-nibble
available only
Volume control register, and volume controlled by VOL7~VOL5
2AH
LATCHD
R
Voice ROM data register
2BH~2FH Unused
30H~FFH User data RAM
R/W
User data RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com