Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83612
Rev. 1.5, 26-Oct-04
IL1/ IL2/ IL5
Vishay Semiconductors
Figure 9. Normalized Non-Saturated and Saturated CTR, TA =
100 °C vs. LED Current
Figure 10. Collector-Emitter Current vs. Temperature and LED
Current
Figure 11. Collector-Emitter Leakage Current vs.Temp.
iil1_09
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
NCTR(SAT)
NCTR
Normalized to:
VCE =10V,IF =10mA
CTRce(sat) VCE = 0.4 V
TA= 100°C
iil1_10
60
50
4 0
30
20
10
0
0
5
10
15
20
25
30
35
50°C
70°C
100°C
IF - LED Current - mA
25°C
iil1_11
-20
0
20
40
60
80
100
10 5
10 4
10 3
10 2
10 1
10 0
10 -1
10 -2
T A - Ambient Temperature - °C
Typical
V CE =10 V
Worst
Case
Figure 12. Normalized CTRcb vs. LED Current and Temperature
Figure 13. Collector-Base Photocurrent vs. LED Current
Figure 14. Normalized Photocurrent vs. IF and Temp.
iil1_12
.1
1
1 0
100
0.0
0.5
1.0
1.5
25°C
50°C
70°C
IF - LED Current - mA
Normalized to:
IF =10 mA
Vcb = 9.3 V
iil1_13
100
10
1
.1
.01
.1
1
10
100
1000
IF - LED Current - mA
Icb = 1.0357 *IF ^1.3631
iil1_14
.1
1
10
100
.01
.1
1
10
IF -LED Current- mA
Normalized to:
IF =10mA
NIB-TA=-20°C
NIB-TA= 25°C
NIB-TA= 50°C
NIB-TA= 70°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com