Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 7 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IL1/ IL2/ IL5
Document Number 83612
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
7
Figure 15. Normalized Non-saturated HFE vs. Base Current and
Temperature
Figure 16. Normalized Saturated HFE vs. Base Current and
Temperature
Figure 17. Propagation Delay vs. Collector Load Resistor
iil1_15
1
1 0
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current -
µA
Ib=20
µA
Vce=10V
-20°C
25°C
50¡
70°C
Normalized to:
iil1_16
1
1 0
100
1000
0.0
0.5
1.0
1.5
IB - Base Current - (µA)
V CE = 0.4 V
Normalized to:
V CE =10V
IB =20 µA
70°C
50°C
25°C
-20°C
iil1_17
RL - Collector Load Resistor - k
Ω
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
IF = 10 mA
Vcc=5V,Vth =1.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com