Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IL1/ IL2/ IL5
Document Number 83612
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Output
Coupler
Current Transfer Ratio
Switching Non-saturated
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Collector - base capacitance
VCB = 5.0 V, f = 1.0 MHz
CCB
8.5
pF
Emitter - base capacitance
VEB = 5.0 V, f = 1.0 MHz
CEB
11
pF
Collector-emitter leakage
current
VCE = 10 V
ICEO
5.0
50
nA
Collector-emitter saturation
voltage
ICE = 1.0 mA, IB = 20 µAVCESAT
0.25
V
Base-emitter voltage
VCE = 10 V, IB = 20 µAVBE
0.65
V
DC forward current gain
VCE = 10 V, IB = 20 µA
HFE
200
650
1800
DC forward current gain
saturated
VCE = 0.4 V, IB = 20 µAHFEsat
120
400
600
Thermal resistance junction to
lead
Rthjl
500
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
VI-O = 0 V, f = 1.0 MHz
CIO
0.6
pF
Insulation resistance
VI-O = 500 V
RS
1014
Ω
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
(collector-emitter saturated)
IF = 10 mA, VCE = 0.4 V
IL1
CTRCEsat
75
%
IL2
CTRCEsat
170
%
IL5
CTRCEsat
100
%
Current Transfer Ratio
(collector-emitter)
IF = 10 mA, VCE = 10 V
IL1
CTRCE
20
80
300
%
IL2
CTRCE
100
200
500
%
IL5
CTRCE
50
130
400
%
Current Transfer Ratio
(collector-base)
IF = 10 mA, VCB = 9.3 V
IL1
CTRCB
0.25
%
IL2
CTRCB
0.25
%
IL5
CTRCB
0.25
%
Parameter
Current
Delay
Rise time
Storage
Fall time
Propagation
H-L
Propagation
L-H
Test condition
VCE = 5.0 V, RL = 75 Ω, tP measured at 50 % of output
Symbol
IF
tD
tr
tS
tf
tPHL
tPLH
Unit
mA
µs
µs
µs
µs
µs
µs
IL1
20
0.8
1.9
0.2
1.4
0.7
1.4
IL2
4.0
1.7
2.6
0.4
2.2
1.2
2.3
IL5
10
1.7
2.6
0.4
2.2
1.1
2.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com