Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD7453BRT-R2 Datasheet HTML 1Page - Analog Devices AD7453BRT-R2 Datasheet HTML 2Page - Analog Devices AD7453BRT-R2 Datasheet HTML 3Page - Analog Devices AD7453BRT-R2 Datasheet HTML 4Page - Analog Devices AD7453BRT-R2 Datasheet HTML 5Page - Analog Devices AD7453BRT-R2 Datasheet HTML 6Page - Analog Devices AD7453BRT-R2 Datasheet HTML 7Page - Analog Devices AD7453BRT-R2 Datasheet HTML 8Page - Analog Devices AD7453BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD7453
Rev. B | Page 4 of 20
Parameter
Test Conditions/Comments
A Version1
B Version1
Unit
CONVERSION RATE
Conversion Time
1.6 µs with a 10 MHz SCLK
16
16
SCLK cycles
Track-and-Hold Acquisition Time2
Sine wave input
250
250
ns max
Full-scale step input
290
290
ns max
Throughput Rate
555
555
kSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
IDD7, 8
Normal Mode (Static)
SCLK on or off
0.5
0.5
mA typ
Normal Mode (Operational)
VDD = 4.75 V to 5.25 V
1.5
1.5
mA max
VDD= 2.7 V to 3.6 V
1.2
1.2
mA max
Full Power-Down Mode
SCLK on or off
1
1
µA max
Power Dissipation
Normal Mode (Operational)
VDD = 5 V; 1.55 mW typ for 100 kSPS7
7.25
7.25
mW max
VDD = 3 V; 0.64 mW typ for 100 kSPS7
3.3
3.3
mW max
Full Power-Down Mode
VDD = 5 V; SCLK on or off
5
5
µW max
VDD = 3 V; SCLK on or off
3
3
µW max
1 Temperature ranges as follows: A, B versions: –40°C to +85°C.
2 See
section.
Terminology
3 Analog inputs with slew rates exceeding 27 V/µs (full-scale input sine wave > 3.5 MHz) within the acquisition time may cause an incorrect result to be returned by the
converter.
4 A small dc input is applied to VIN– to provide a pseudo ground for VIN+.
5 The AD7453 is functional with a reference input in the range 100 mV to VDD.
6 Guaranteed by characterization.
7 See
section.
Power vs. Throughput Rate
8 Measured with a full-scale dc input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com