Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 10Page - Analog Devices AD7453BRT-R2 Datasheet HTML 11Page - Analog Devices AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices AD7453BRT-R2 Datasheet HTML 16Page - Analog Devices AD7453BRT-R2 Datasheet HTML 17Page - Analog Devices AD7453BRT-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD7453
Rev. B | Page 13 of 20
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of total harmonic
distortion (THD) that can be tolerated. The THD increases as
the source impedance increases and performance degrades.
Figure 20 shows a graph of the THD versus analog input signal
frequency for different source impedances.
INPUT FREQUENCY (kHz)
–100
10
100
277
–80
–50
–40
0
200
Ω
–10
–20
–30
–60
–70
–90
10
Ω
62
Ω
100
Ω
Figure 20. THD vs. Analog Input Frequency for Various Source Impedances
Figure 21 shows a graph of THD versus analog input frequency
for various supply voltages while sampling at 555 kSPS with an
SCLK of 10 MHz. In this case, the source impedance is 10 Ω.
–90
10
TA = 25°C
VDD = 2.7V
VDD = 3.6V
VDD = 4.75V
VDD = 5.25V
100
277
–85
–80
–75
–70
–65
–60
–55
–50
INPUT FREQUENCY (kHz)
Figure 21. THD vs. Analog Input Frequency for Various Supply Voltages
DIGITAL INPUTS
The digital inputs applied to the AD7453 are not limited by the
maximum ratings that limit the analog inputs. Instead, the
digital inputs applied, i.e., CS and SCLK, can go to 7 V and are
not restricted by the VDD + 0.3 V limits as on the analog input.
The main advantage of the inputs not being restricted to the
VDD + 0.3 V limit is that power supply sequencing issues are
avoided. If CS or SCLK are applied before VDD, there is no risk
of latch-up as there would be on the analog inputs if a signal
greater than 0.3 V were applied prior to VDD.
REFERENCE
An external source is required to supply the reference to the
AD7453. This reference input can range from 100 mV to VDD.
The specified reference is 2.5 V for the 2.7 V to 5.25 V power
supply range. The reference input chosen for an application
should never be greater than the power supply. Errors in the
reference source result in gain errors in the AD7453 transfer
function. A capacitor of at least 0.1 µF should be placed on the
VREF pin. Suitable reference sources for the AD7453 include the
AD780 and the ADR421. Figure 22 shows a typical connection
diagram for the VREF pin.
1
AD780
NC
8
2
VIN
NC
7
3
GND
6
4
TEMP
5
OPSEL
TRIM
VOUT
AD7453*
VREF
2.5V
NC
VDD
NC
VDD
NC = NO CONNECT
10nF
0.1
µF
0.1
µF
0.1
µF
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 22. Typical VREF Connection Diagram for VDD = 5 V
SERIAL INTERFACE
Figure 2 shows a detailed timing diagram of the serial interface
of the AD7453. The serial clock provides the conversion clock
and controls the transfer of data from the device during
conversion. CS initiates the conversion process and frames the
data transfer. The falling edge of CS puts the track-and-hold
into hold mode and takes the bus out of three-state. The analog
input is sampled and the conversion is initiated at this point.
The conversion requires 16 SCLK cycles to complete.
Once 13 SCLK falling edges have occurred, the track-and-hold
goes back into track mode on the next SCLK rising edge, as
shown at Point B in Figure 2. On the 16th SCLK falling edge, the
SDATA line goes back into three-state.
If the rising edge of CS occurs before 16 SCLKs have elapsed,
the conversion is terminated and the SDATA line goes back into
three-state.
The conversion result from the AD7453 is provided on the
SDATA output as a serial data stream. The bits are clocked out
on the falling edge of the SCLK input. The data stream of the
AD7453 consists of four leading zeros, followed by 12 bits of
conversion data, provided MSB first. The output coding is
straight (natural) binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com