Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 8Page - Analog Devices AD7453BRT-R2 Datasheet HTML 9Page - Analog Devices AD7453BRT-R2 Datasheet HTML 10Page - Analog Devices AD7453BRT-R2 Datasheet HTML 11Page - Analog Devices AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices AD7453BRT-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD7453
Rev. B | Page 11 of 20
CIRCUIT INFORMATION
The AD7453 is a 12-bit, low power, single-supply, successive
approximation analog-to-digital converter (ADC) with a
pseudo differential analog input. It operates with a single 2.7 V
to 5.25 V power supply and is capable of throughput rates up to
555 kSPS when supplied with a 10 MHz SCLK. It requires an
external reference to be applied to the VREF pin.
The AD7453 has an on-chip differential track-and-hold
amplifier, a successive approximation (SAR) ADC, and a serial
interface, housed in an 8-lead SOT-23 package. The serial clock
input accesses data from the part and provides the clock source
for the successive approximation ADC. The AD7453 features a
power-down option for reduced power consumption between
conversions. The power-down feature is implemented across the
standard serial interface, as described in the Modes of
Operation section.
CONVERTER OPERATION
The AD7453 is a successive approximation ADC based around
two capacitive DACs. Figure 14 and Figure 15 show simplified
schematics of the ADC in the acquisition and conversion phase,
respectively. The ADC is comprised of control logic, an SAR,
and two capacitive DACs. In Figure 14 (acquisition phase), SW3
is closed and SW1 and SW2 are in Position A, the comparator is
held in a balanced condition, and the sampling capacitor arrays
acquire the differential signal on the input.
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
Figure 14. ADC Acquisition Phase
When the ADC starts a conversion (Figure 15), SW3 opens and
SW1 and SW2 move to Position B, causing the comparator to
become unbalanced. Both inputs are disconnected once the
conversion begins. The control logic and charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor arrays to bring the comparator
back into a balanced condition. When the comparator is rebal-
anced, the conversion is complete. The control logic generates
the ADC’s output code. The output impedances of the sources
driving the VIN+ and VIN– pins must be matched; otherwise the
two inputs have different settling times, resulting in errors.
VIN+
VIN–
A
B
SW1
SW3
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
COMPARATOR
Figure 15. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding for the AD7453 is straight (natural) binary.
The designed code transitions occur at successive LSB values
(i.e., 1 LSB, 2 LSB, and so on). The LSB size is VREF/4096. The
ideal transfer characteristic of the AD7453 is shown in
Figure 16.
000...00
0V
ANALOG INPUT
111...11
000...01
111...00
011...11
1LSB
VREF – 1LSB
1LSB = VREF/4096
111...10
000...10
Figure 16. Ideal Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com