Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXBD4411 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBD4411
Description  ISOSMART Half Bridge Driver Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBD4411 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBD4411 Datasheet HTML 1Page - IXYS Corporation IXBD4411 Datasheet HTML 2Page - IXYS Corporation IXBD4411 Datasheet HTML 3Page - IXYS Corporation IXBD4411 Datasheet HTML 4Page - IXYS Corporation IXBD4411 Datasheet HTML 5Page - IXYS Corporation IXBD4411 Datasheet HTML 6Page - IXYS Corporation IXBD4411 Datasheet HTML 7Page - IXYS Corporation IXBD4411 Datasheet HTML 8Page - IXYS Corporation IXBD4411 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2004 IXYS All rights reserved
IXBD4410
IXBD4411
Symbol
Definition
Maximum Ratings
V
DD/VEE
Supply Voltage
-0.5 ... 24
V
V
in
Input Voltage (INH, INL)
-0.5...V
DD +0.5
V
I
in
Input Current (INL, INH, IM)
±10
A
I
o (rev)
Peak Reverse Output Current (OUT)
2
A
P
D
Maximum Power Dissipation (T
A = 25° C)
600
mW
P
D
T
C = 25° C (16-Pin SOIC)
10
W
T
A
Operating Ambient Temperature
-40 ... 85
°C
T
JM
Maximum Junction Temperature
150
°C
T
stg
Storage Temperature Range
-55 ... 150
°C
T
L
Lead Soldering Temperature for 10 s
300
°C
R
thJA
1.67
K/W
R
thJC
(16-Pin SOIC)
10
K/W
Recommended Operating Conditions
V
DD/VEE
Supply Voltage
10 ... 20
V
V
DD/LG
10 ... 16.5
V
L
Gh/LGl
Maximum Common Mode dv/dt
±50
V/ns
Symbol
Definition/Condition
Characteristic Values
(T
A = 25°C, VDD = 15 V, unless otherwise specified)
min.
typ.
max.
INL, INH Inputs (referred to LG)
V
t+
Positive-Going Threshold
3.65
V
V
t-
Negative-Going Threshold
1
V
V
ih
Input Hysteresis
1
V
I
in
Input Leakage Current/V
in=VDD or LG
-1
1
µA
C
in
Input Capacitance
10
pF
Open Drain Fault Output (referred to LG)
V
oh
HI Output/R
pu = 10 kΩ to VDD
V
DD-0.05
V
V
ol
LO Output/I
o = 4 mA
0.3
0.5
V
OUT Output (referred to LG)
V
oh
HI Output/I
o = -5 mA
V
DD-0.05
V
V
ol
LO Output/I
o = 5 mA
V
EE+0.05
V
R
o
Output HI Res./I
o = -0.1 A
3
5
Ω
R
o
Output LO Res./I
o = 0.1 A
3
4
Ω
I
pk
Peak Output Current/C
L = 10 nF
1.5
2
A
IM Input (referred to KG)
V
t+
Positive-Going Threshold
0.24
0.3
0.45
V
C
in
Input Capacitance
10
pF
R
s
Shorting Device Output Resistance
50
75
100
Ω
VEE Supply (referred to LG)
V
EE
Output Voltage/I
o = 1 mA, Co = 1 µF
-5
-6.5
-7.5
V
I
out
Output Current/V
out = 0.70 • VEE
-20
-25
mA
f
inv
Inverting Frequency
600
kHz
V
EEF
Undervoltage Fault Indication
-3
-4.8
V
Dimensions in inch (1" = 25.4 mm)
16-Pin SOIC
16-Pin Plastic DIP
Die substrate
connected to tab
End view



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com