Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXBD4411 Datasheet(PDF) 11 Page - IXYS Corporation

Part # IXBD4411
Description  ISOSMART Half Bridge Driver Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBD4411 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IXBD4411 Datasheet HTML 3Page - IXYS Corporation IXBD4411 Datasheet HTML 4Page - IXYS Corporation IXBD4411 Datasheet HTML 5Page - IXYS Corporation IXBD4411 Datasheet HTML 6Page - IXYS Corporation IXBD4411 Datasheet HTML 7Page - IXYS Corporation IXBD4411 Datasheet HTML 8Page - IXYS Corporation IXBD4411 Datasheet HTML 9Page - IXYS Corporation IXBD4411 Datasheet HTML 10Page - IXYS Corporation IXBD4411 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
© 2004 IXYS All rights reserved
IXBD4410
IXBD4411
Fig. 11: Ferrite bead dimensions
Fig. 12: Transmitter/Receiver Waveforms
DS96528E(05/04)
The nominal electrical specifications of
the transformer are as follows:
Open circuit inductance
(100 kHz; 20 mV):
3
µH
Interwinding capacitance:
2 pF
Primary leakage inductance: 0.1
µH
Turns ratio:
6:2
Primary-to-secondary isolation
(1min):
1500 V~
Core permeability (
µ
i):
125
The recommended ferrite bead is Fair
Rite Products part number 2661000101,
which is manufactured by:
Fair-Rite Products Corp.
Wallkill, NY
Phone: (800) 836-0427
Web site: www.fair-rite.com
As seen in the application drawings
(Fig. 6, 9 and 12) a coupling capacitor
(22 nF) and a damping resistor (22
Ω)
are added in series with the primary
side of the transformer. The capacitor
will control the small amount of energy
needed to transfer the signal to the
companion driver. The resistor will
control the damping of the signal and
limit the peak transmitter output current.
The receiver is designed to operate
over a wide common mode input range.
To reduce noise pickup, the receiver
has
±250 mV of input hysteresis.
If the signal is being distorted at the
transmitter, the transmitter is probably
running into current limit. A decrease in
the coupling capacitance or an increase
in the damping resistance should solve
this problem. The receiver operates
over a wide input range. The minimum
amplitude for one side of the receiver is
about 1 V and a maximum of about 3 V.
It is critical that there be no overshoot
on the transformer secondary wave-
form. Each signal should be slightly
overdamped. If significant overshoot
exists, the received signal may be
logically inverted. An increase of the
damping resistor will solve this problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com