Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXBD4411 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXBD4411
Description  ISOSMART Half Bridge Driver Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBD4411 Datasheet(HTML) 3 Page - IXYS Corporation

  IXBD4411 Datasheet HTML 1Page - IXYS Corporation IXBD4411 Datasheet HTML 2Page - IXYS Corporation IXBD4411 Datasheet HTML 3Page - IXYS Corporation IXBD4411 Datasheet HTML 4Page - IXYS Corporation IXBD4411 Datasheet HTML 5Page - IXYS Corporation IXBD4411 Datasheet HTML 6Page - IXYS Corporation IXBD4411 Datasheet HTML 7Page - IXYS Corporation IXBD4411 Datasheet HTML 8Page - IXYS Corporation IXBD4411 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
© 2004 IXYS All rights reserved
IXBD4410
IXBD4411
Symbol
Definition/Condition
Characteristic Values
(T
A = 25°C, VDD = 15 V, unless otherwise specified)
min.
typ.
max.
V
DD Undervoltage Lockout
V
uv
Drop Out
9.5
10.5
11.5
V
V
uh
Hysteresis
0.1
0.15
0.3
V
Quiescent Power Supply Current
I
DD
V
DD Current/Vin=VDD or LG, Io = 0
20
mA
INL and INH Inputs (Fig. 1a - 1c)
t
d(on)
Turn-on delay time;
C
L =1nF
110
175
ns
4410
t
r
Rise time;
C
L =10 nF
70
100
ns
C
L =1 nF
15
20
ns
t
d(off)
Turn-off delay time
C
L =1nF
70
150
ns
4410
t
f
Fall time
C
L =10nF
70
150
ns
C
L =1nF
15
20
ns
t
dlh(off)
4410/4412
Turn-on delay time vs.
4411
C
L =1nF
60
150
ns
Turn-off delay time
t
dlh(on)
4410
Turn-on delay time vs.
4411
C
L =1nF
60
150
ns
Turn-off delay time
Fault Output Delay for any Fault Conditions (4410/4411)
t
FLT
FLT Delay/R
pu = 2 kΩ
C
L = 20 pF
200
300
ns
Overcurrent Protection Delay
t
oc
Driver-Off delay time C
L = 1 nF
200
300
ns
Fig. 1a: IXBD4410/4411 Switching time test circuit
Fig. 1b: Output signal waveform
1N5817
1N5817



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com