Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4011 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # CD4011
Description  The CD4011 NAND gates provide the system designer with direct implementation of the NAND function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CD4011 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  CD4011 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CD4011
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to V CC +0.5
V
IIN
DC Input Current, per Pin
10
mA
PD
Power Dissipation in Still Air, Plastic
DIP+
SOIC Package+
750
500
mW
PD
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
C
Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
C from 65 to 125C
SOIC Package:
- 7 mW/
C from 65to 125C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
CC
V
V
TA
Operating Temperature, All Package Types
-55
+125
C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND (VIN or
VOUT) VCC .
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC). Unused outputs
must be left open.
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com