Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4011 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # CD4011
Description  The CD4011 NAND gates provide the system designer with direct implementation of the NAND function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CD4011 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  CD4011 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CD4011
AC Electrical Characteristics
(CL=50pF, RL=200 k
, Input t r =t f =20
ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
-55C
25C
125C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A or B to
Output (Figure 1)
5.0
10
15
250
120
90
250
120
90
250
120
90
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
200
100
80
ns
CIN
Maximum Input Capacitance
-
7.5
pF
INPUT
A OR B
OUTPUT J
90%
50%
10%
tPLH
90%
50%
10%
t
tf r
VCC
GND
tPHL
VCC
GND
t
t
Figure 1. Switching Waveforms
Expanded Logic Diagram
(1/4 of the Device)
A
J
B
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com