Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4011 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # CD4011
Description  The CD4011 NAND gates provide the system designer with direct implementation of the NAND function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CD4011 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  CD4011 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CD4011
Description
The CD4011 NAND gates provide the system designer with direct implementation of the NAND function.
Features
Operating Voltage Range: 3.0 to 18 V
Maximum input current of 1
at 18 V over full package-
14
1
temperature range 100 nA at 18 V and 25 C

Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
SOP 14 (CD4011BM)
14
1
DIP 14(CD4011BE)
Package
Logic Diagram
Pin Assignment
A
B
C
1
2
5
3
J
A
B
J
K
C
1
2
3
4
5
14
13
12
11
10
VDD
H
G
M
L
D
6
4
K
D
Vcc
6
7
9
F
E
E
F
G
H
8
9
12
13
PIN 14 = VDD
PIN 7 = Vcc
10
11
L
M
1
TIGER ELECTRONIC CO.,LTD


Similar Part No. - CD4011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4011 NSC-CD4011 Datasheet
167Kb / 6P
Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Texas Instruments
CD4011 TI-CD4011 Datasheet
525Kb / 13P
CMOS NAND GATES
logo
National Semiconductor ...
CD4011 NSC-CD4011 Datasheet
164Kb / 6P
Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
List of Unclassifed Man...
CD4011 ETC2-CD4011 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
CD4011-12 SYC-CD4011-12 Datasheet
253Kb / 4P
CMOS NAND GATES
More results

Similar Description - CD4011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
List of Unclassifed Man...
AP9926EO ETC1-AP9926EO Datasheet
82Kb / 6P
Power MOSFETs from APEC provide the designer with the best combination of fast switching
logo
Freescale Semiconductor...
M68020 FREESCALE-M68020 Datasheet
9Mb / 313P
The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
logo
Estek Electronics Co. L...
IW4011B ESTEK-IW4011B Datasheet
98Kb / 4P
NAND gates provide the system designer with direct implementation of the NAND function
ET-IL7021 ESTEK-ET-IL7021 Datasheet
175Kb / 2P
Function of this IC is accurately resetting the system
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
The following sections describe the function of individual circuits.
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
This device contains a single gate which performs the logic NAND function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com