Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE373 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE373
Description  2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE373 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE373 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
VSWR
1.4:1
Insertion Loss
2.45 dB/ft [8.04 dB/m]
Power Handling
52 Watts
Mechanical Specifications
Size
Diameter
0.375 in [9.53 mm]
.
Cable Color
Gray
One Time Minimum Bend Radius
0.32 in [8.13 mm]
Repeated Minimum Bend Radius
0.96 in [24.38 mm]
Cable
Cable Type
PE-P102
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
ETFE
Jacket Diameter
0.102 in [2.59 mm]
Connector 1
Type
2.4mm Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In. Minimum
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PPO
Connector 2
Type
2.4mm Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In. Minimum
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PPO
PE373 REV 1.0
PE373
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS PE373
2.4mm Male to 2.4mm Male Test Cable
Using PE-P102 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com