Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE373 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE373
Description  2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE373 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE373 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Notes:
• Values at +25 °C, sea level
2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS PE373
URL: http://www.pasternack.com/2.4mm-male-2.4mm-male-pe-p102-cable-assembly-pe373-p.aspx
PE373 REV 1.0
PE373
2.4mm Male to 2.4mm Male Test Cable
Using PE-P102 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com