Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE373 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE373
Description  2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE373 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE373 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE373 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
2.4mm Male
Connector 2
2.4mm Male
Cable Type
PE-P102
Electrical Specifications
Frequency Range
DC to 50 GHz
Impedance
50 Ohms
Maximum VSWR
1.4:1
Velocity of Propagation
76 %
RF Shielding
90 dB
Peak Power
550 Watts
Typical Performance by Frequency
Frequency 1
Frequency
6 GHz
VSWR
1.25:1
Insertion Loss,
0.8 dB/ft [2.46 dB/m]
Power Handling, Watts
160
Frequency 2
Frequency
12 GHz
VSWR
1.25:1
Insertion Loss
1.08 dB/ft [3.54 dB/m]
Power Handling
110 Watts
Frequency 3
Frequency
18 GHz
VSWR
1.25:1
Insertion Loss
1.36 dB/ft [4.46 dB/m]
Power Handling
89 Watts
Frequency 4
Frequency
26.5 GHz
VSWR
1.4:1
Insertion Loss
1.67 dB/ft [5.48 dB/m]
Power Handling
73 Watts
Frequency 5
Frequency
40 GHz
VSWR
1.4:1
Insertion Loss
2.13 dB/ft [6.99 dB/m]
Power Handling
58 Watts
Frequency 6
Frequency
50 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS PE373
PE373 REV 1.0
PE373
2.4mm Male to 2.4mm Male Test Cable
Using PE-P102 Coax, RoHS


Similar Part No. - PE373

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE373-100CM PASTERNACK-PE373-100CM Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 100 cm Length Using PE-P102 Coax, RoHS
PE373-24 PASTERNACK-PE373-24 Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 24 Inch Length Using PE-P102 Coax, RoHS
PE373-48 PASTERNACK-PE373-48 Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PE373-60 PASTERNACK-PE373-60 Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 60 Inch Length Using PE-P102 Coax, RoHS
PE3733 PASTERNACK-PE3733 Datasheet
136Kb / 1P
Cable Assembly
More results

Similar Description - PE373

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35672LF-6 PASTERNACK-PE35672LF-6 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 6 Inch Length Using PE-SR405AL Coax, RoHS
PE363 PASTERNACK-PE363 Datasheet
385Kb / 4P
2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
PE363-36 PASTERNACK-PE363-36 Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 36 Inch Length Using PE-P160 Coax
PE363-48 PASTERNACK-PE363-48 Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 48 Inch Length Using PE-P160 Coax
PE363-100CM PASTERNACK-PE363-100CM Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 100 CM Length Using PE-P160 Coax
PE373-24 PASTERNACK-PE373-24 Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 24 Inch Length Using PE-P102 Coax, RoHS
PE373-48 PASTERNACK-PE373-48 Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PE373-60 PASTERNACK-PE373-60 Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 60 Inch Length Using PE-P102 Coax, RoHS
PE373-100CM PASTERNACK-PE373-100CM Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 100 cm Length Using PE-P102 Coax, RoHS
PE3C0728 PASTERNACK-PE3C0728 Datasheet
365Kb / 4P
2.4mm Male to 2.4mm Male Cable Using PE-P086HF Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com