Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC552 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC552
Description  High Power Class B Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC552 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC552 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC552 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC552 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
500 - 58 - 6
DECOUPLED A
OUTPUT B
27k
2k7
O/P STAGE I/P
VCC 2
470
MIC BIAS
5
2
4
1
10
13
9
11
12
3
7
6
8
14
600
15k
O/P GND
FEEDBACK
PREAMP I/P
3k5
5k6
CURRENT
TRIM
8k2
2k2
DECOUPLED B
OUTPUT A
VCC 1
PREAMP
GND
PREAMP
O/P
PREAMP STAGE
15k
2k7
O/P STAGE
Fig. 2 Functional Schematic Diagram
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright 1989 Gennum Corporation.
All rights reserved.
Printed in Canada.
All resistors in ohms, all capacitors in farads unless otherwise stated.
DOCUMENT
IDENTIFICATION
PRODUCT PROPOSAL
This data has been compiled for market investigation purposes
only, and does not constitute an offer for sale.
ADVANCE INFORMATION NOTE
This product is in development phase and specifications are
subject to change without notice. Gennum reserves the right to
remove the product at any time. Listing the product does not
constitute an offer for sale.
PRELIMINARY DATA SHEET
The product is in a preproduction phase and specifications are
subject to change without notice.
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
All resistors in ohms, all capacitors in farads unless otherwise stated.
Fig. 3 Typical Hearing Aid Circuit
0µ1
VB = 1.30 VDC
0µ1
RECEIVER 400
Ω
IMPEDANCE
6µ8
0µ1
0µ1
0µ1
220k
MIC
N/C
LC552
N/C
10µ
5
6
7
1
9
2
10
11
3
12
4
13
8
14
10µ
6µ8
10k
REVISION NOTES: SOIC package added.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com