Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC552 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC552
Description  High Power Class B Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC552 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC552 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC552 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC552 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
500 - 58 - 6
0µ1
VO
RB
VB = 1.30 VDC
0µ1
HAMMOND
99966
10µ
0µ1
4
.7
0µ1
0µ1
RIN
RL= 470 Ω
20k
VI
3k9
820
220
1 kHZ
N/C
10µ
LC552
N/C
10µ
5
6
7
1
9
2
10
11
3
12
4
13
8
14
10µ
10µ
RF
VC
200k
10k
ABSOLUTE MAXIMUM RATINGS
CAUTION
CLASS 1 ESD SENSITIVITY
PIN CONNECTION
1
7
14
8
OUTPUT STAGE I/P
MIC BIAS
OUTPUT A
PREAMP I/P
PREAMP GND
DEC A
CURRENT TRIM
PREAMP O/P
V
CC1
V
CC2
OUTPUT B
FEEDBACK
DEC B
Gain
A
V
Output = 0.707 VRMS
72
75
78
dB
Total Current
I
TOT
-
0.77
1.2
mA
Total Harmonic Distortion & Noise
THD
Output = 0.707 VRMS
-
1.5
3.0
%
Input Referred Noise
-
0.9
2.5
µV
Stable with Battery Resistance to
-
-
22
Ω
Input Impedance of Output Amplifier
18
27
36
k
Ω
Low
-
250
-
Hz
High
-
12
-
kHz
Gain Dependence on R
B
-
0.02
-
dB /
Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
Frequency Response (-3 dB at 1 kHz)
All parameters tested in Test Circuit Fig. 1.
Conditions: Supply voltage V
B
= 1.3 V DC, Temperature ambient = 25
°C, Frequency = 1 kHz, Noise Filter Bandwidth at 12 dB/oct (0.2 to 10kHz)
O/P GND
All resistors in ohms, all capacitors in farads unless otherwise stated.
V
I
V
O
R
IN
R
F
NOTES: 1. Test Circuit Amplifier Gain = 20 Log
10 (
/
) + 40 dB
2. Preamp Gain =
set at 35 dB
Fig. 1 Test Circuit
PARAMETER
VALUE / UNITS
Supply Voltage
3 V
Power Dissipation
200 mW
Operating Temperature
-10 to + 60
oC
Storage Temperature
-20 to + 70
oC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com