Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC552 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC552
Description  High Power Class B Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC552 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC552 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC552 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC552 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OUTPUT A
OUTPUT
STAGE
I/P
OUTPUT B
DEC
B
PREAMP
GND
PREAMP
O/P
PREAMP
I/P
470
MIC
BIAS
3
2
13
1
12
7
11
8
9
PREAMP
DEC
A
6
O/P
GND
4
10
5
2.2K
VCC 2
14
CURRENT
TRIM
FEEDBACK
VCC 1
OUTPUT
STAGE
Document No. 500 - 58 - 6
High Power Class B Amplifier
LC552 DATA SHEET
DESCRIPTION
The LC552 is a versatile low voltage, high gain, high power
output amplifier.
It features a preamplifier module with adjustable gain and a
unique power amplifier module that can be operated either as
a high power, high efficiency class B amplifier, with very low
quiescent current consumption, or as a medium power
"vari-bias" class A amplifier.
While designed specifically for use in body type hearing aids,
the LC552 can be used in other applications where linear audio
frequency amplification and frequency shaping is required.
FEATURES
• operates over a supply range of 1.0 V to 3.0 V
• selectable class B or vari-bias class A operation
• feedback stabilized gain
≤ 80 dB
• high power output > 140 dBSPL
• independent preamplifier and output modules
• minimum external parts count
BLOCK DIAGRAM
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5846
Japan Branch: A-302 M i yamae Vi l l age, 2–10–42 M i yamae, Sugi nami–ku, Tokyo 168, Japan
tel. (03) 3334-7700
fax (03) 3247-8839
Revison Date: July 1993.
All resistors in ohms, all capacitors in farads unless otherwise stated.
STANDARD PACKAGING
• 14 pin DIP
• 14 pin SOIC
• Chip (50 x 52 mils)


Similar Part No. - LC552

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5521D SANKEN-LC5521D Datasheet
637Kb / 40P
LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5521D SANKEN-LC5521D Datasheet
379Kb / 9P
Hybrid IC
LC5523D SANKEN-LC5523D Datasheet
637Kb / 40P
LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5523D SANKEN-LC5523D Datasheet
379Kb / 9P
Hybrid IC
LC5523F SANKEN-LC5523F Datasheet
637Kb / 40P
LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
More results

Similar Description - LC552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC549 ETC-LC549 Datasheet
79Kb / 5P
High Power Class B Output Stage
LC551 ETC1-LC551 Datasheet
66Kb / 3P
High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
High Power, Class B Output Stage
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161 Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
logo
Unisonic Technologies
L3305 UTC-L3305 Datasheet
100Kb / 6P
LOW VOLTAGE CLASS B AMPLIFIER
logo
List of Unclassifed Man...
204-A ETC2-204-A Datasheet
423Kb / 2P
R.F. POWER AMPLIFIER, OSCILLATOR, CLASS B MODULATOR
logo
NXP Semiconductors
AN10436 PHILIPS-AN10436 Datasheet
930Kb / 55P
TDA8932B/33(B) Class-D audio amplifier
Rev. 01-12 December 2007
logo
Unisonic Technologies
L3305 UTC-L3305_15 Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
logo
Teledyne Technologies I...
AVP2034 TELEDYNE-AVP2034 Datasheet
466Kb / 5P
HIGH POWER GaNPak B AMPLIFIER
AVP2524 TELEDYNE-AVP2524 Datasheet
768Kb / 5P
HIGH POWER GaNPak B AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com