Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5038 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N5038
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5038 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N5038 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5038 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2N5038
DESCRIPTION
·
High Speed-tf= 0.5μs (Max)
·
Low Saturation Voltage-
VCE(sat
)≤
2.5V@ IC= 20A
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
Performance and reliable operation.
APPLICATIONS
·
Designed for use in switching regulators, inverters, wide-
band amplifiers and power oscillators in industrial and
commercial applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.25
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector- Base Voltage
150
V
VCEO
Collector-Emitter Voltage
90
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
20
A
IB
Base Current-Continuous
5
A
PC
Collector Power Dissipation @TC=25℃
140
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃


Similar Part No. - 2N5038

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
POWER TRANSISTORS(20A,140W)
logo
ON Semiconductor
2N5038 ONSEMI-2N5038 Datasheet
124Kb / 4P
NPN SILICON POWER TRANSISTORS
REV 7
logo
STMicroelectronics
2N5038 STMICROELECTRONICS-2N5038 Datasheet
64Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
logo
Boca Semiconductor Corp...
2N5038 BOCA-2N5038 Datasheet
95Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N5038 MICROSEMI-2N5038 Datasheet
55Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N5038

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com