Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2413
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413 Datasheet(HTML) 1 Page - Linear Technology

  LTC2413 Datasheet HTML 1Page - Linear Technology LTC2413 Datasheet HTML 2Page - Linear Technology LTC2413 Datasheet HTML 3Page - Linear Technology LTC2413 Datasheet HTML 4Page - Linear Technology LTC2413 Datasheet HTML 5Page - Linear Technology LTC2413 Datasheet HTML 6Page - Linear Technology LTC2413 Datasheet HTML 7Page - Linear Technology LTC2413 Datasheet HTML 8Page - Linear Technology LTC2413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC2413
1
sn2413 2413fs
The LTC
®2413 is a 2.7V to 5.5V simultaneous 50Hz/60Hz
rejection micropower 24-bit differential
∆Σ analog to
digital converter with an integrated oscillator, 2ppm INL
and 0.16ppm RMS noise. It uses delta-sigma technology
and provides single cycle settling time for multiplexed
applications. Through a single pin, the LTC2413 can be
configured for better than 87dB input differential mode
rejection over the range of 49Hz to 61.2Hz (50Hz and
60Hz
±2% simultaneously), or it can be driven by an
external oscillator for a user defined rejection frequency.
The internal oscillator requires no external frequency
setting components.
The converter accepts any external differential reference
voltage from 0.1V to VCC for flexible ratiometric and
remote sensing measurement configurations. The full-
scale differential input range is from – 0.5VREF to 0.5VREF.
The reference common mode voltage, VREFCM, and the
input common mode voltage, VINCM, may be indepen-
dently set anywhere within the GND to VCC range of the
LTC2413. The DC common mode input rejection is better
than 140dB.
The LTC2413 communicates through a flexible 3-wire
digital interface which is compatible with SPI and
MICROWIRE
TM protocols.
s
Direct Sensor Digitizer
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain-Gauge Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
s
6-Digit DVMs
s
Products for International Markets
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Simultaneous 50Hz/60Hz Rejection
(87dB Minimum)
s
Differential Input and Differential Reference with
GND to VCC Common Mode Range
s
2ppm INL and No Missing Codes at 24 Bits
s
0.1ppm Offset and 2.5ppm Full-Scale Error
s
0.16ppm Noise
s
No Latency: Digital Filter Settles in a Single Cycle.
s
Internal Oscillator—No External Components
Required
s
24-Bit ADC in Narrow SSOP-16 Package
(SO-8 Footprint)
s
Single Supply 2.7V to 5.5V Operation
s
Low Supply Current (200
µA) and Auto Shutdown
s
Pin Compatible with LTC2410
24-Bit No Latency
∆ΣTM ADC,
with Simultaneous 50Hz/60Hz Rejection
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
VCC
FO
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
214
3
4
13
5
6
12
1, 7, 8, 9, 10, 15, 16
11
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
3-WIRE
SPI INTERFACE
1
µF
2.7V TO 5.5V
LTC2413
2413 TA01
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/
SIMULTANEOUS 50Hz/60Hz REJECTION
INPUT FREQUENCY (Hz)
48
50
52
54
56
58
60
62
2413 TA02
–80
–85
–90
–95
–100
–105
–110
–115
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Measured Noise Rejection from 48Hz to 62.5Hz


Similar Part No. - LTC2413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2413 LINER-LTC2413_15 Datasheet
462Kb / 44P
24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
More results

Similar Description - LTC2413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
24-Bit uPower No Latency ADC in SO-8
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
24-Bit Power No Latency ADC in SO-8
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
2-Channel Differential Input 24-Bit No Latency ADC
LTC2413 LINER-LTC2413_15 Datasheet
462Kb / 44P
24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
24-Bit No Latency ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com