Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2413
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413 Datasheet(HTML) 2 Page - Linear Technology

  LTC2413 Datasheet HTML 1Page - Linear Technology LTC2413 Datasheet HTML 2Page - Linear Technology LTC2413 Datasheet HTML 3Page - Linear Technology LTC2413 Datasheet HTML 4Page - Linear Technology LTC2413 Datasheet HTML 5Page - Linear Technology LTC2413 Datasheet HTML 6Page - Linear Technology LTC2413 Datasheet HTML 7Page - Linear Technology LTC2413 Datasheet HTML 8Page - Linear Technology LTC2413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LTC2413
2
sn2413 2413fs
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
(Notes 1, 2)
ORDER PART NUMBER
Consult factory for parts specified with wider operating temperature ranges.
Supply Voltage (VCC) to GND.......................– 0.3V to 7V
Analog Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Reference Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2413C ............................................... 0
°C to 70°C
LTC2413I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, θJA = 95°C/W
LTC2413CGN
LTC2413IGN
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V
≤ VREF ≤ VCC, –0.5 • VREF ≤ VIN ≤ 0.5 • VREF, (Note 5)
q
24
Bits
Integral Nonlinearity
4.5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V, (Note 6)
1
ppm of VREF
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF– = GND, VINCM = 2.5V, (Note 6)
q
2
14
ppm of VREF
REF+ = 2.5V, REF– = GND, VINCM = 1.25V, (Note 6)
5
ppm of VREF
Offset Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
q
0.5
2.5
µV
GND
≤ IN+ = IN– ≤ VCC, (Note 13)
Offset Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
10
nV/
°C
GND
≤ IN+ = IN– ≤ VCC
Positive Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
q
2.5
12
ppm of VREF
IN+ = 0.75 • REF+, IN– = 0.25 • REF+
Positive Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
0.03
ppm of VREF/°C
IN+ = 0.75 • REF+, IN– = 0.25 • REF+
Negative Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
q
2.5
12
ppm of VREF
IN+ = 0.25 • REF+, IN– = 0.75 • REF+
Negative Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
0.03
ppm of VREF/°C
IN+ = 0.25 • REF+, IN– = 0.75 • REF+
Total Unadjusted Error
4.5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V
3
ppm of VREF
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF– = GND, VINCM = 2.5V
3
ppm of VREF
REF+ = 2.5V, REF– = GND, VINCM = 1.25V
4
ppm of VREF
Output Noise
5V
≤ VCC ≤ 5.5V, REF+ = 5V, VREF– = GND,
0.8
µVRMS
GND
≤ IN– = IN+ ≤ 5V, (Note 12)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
GN PART MARKING
2413
2413I
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
VCC
REF+
REF –
IN+
IN–
GND
GND
GND
GND
FO
SCK
SDO
CS
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com