Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC2413
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC2413 Datasheet HTML 34Page - Linear Technology LTC2413 Datasheet HTML 35Page - Linear Technology LTC2413 Datasheet HTML 36Page - Linear Technology LTC2413 Datasheet HTML 37Page - Linear Technology LTC2413 Datasheet HTML 38Page - Linear Technology LTC2413 Datasheet HTML 39Page - Linear Technology LTC2413 Datasheet HTML 40Page - Linear Technology LTC2413 Datasheet HTML 41Page - Linear Technology LTC2413 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
LTC2413
38
sn2413 2413fs
APPLICATIO S I FOR ATIO
Figure 44. Using Autozero Amplifiers to Reduce Input Referred Noise
0.1
µF
8
0.1
µF
0.1
µF
REF+
REF–
SDO
SCK
IN+
IN–
CS
GND
VCC
FO
312
5VREF
4
350
Ω
BRIDGE
13
5
6
2413 F44
11
1, 7, 8, 9,
10, 15, 16
2
14
LTC2413
RN1 = 5k
× 8 RESISTOR ARRAY
U1A, U1B, U2A, U2B = 1/2 LTC1051
–
+
3
2
8
4
U1A
4
5V
+
–
6
5
RN1
1
16
15
2
611
7
1
14
3
710
4
13
89
512
U1B
+
–
2
3
U2A
5V
1
+
–
6
5
U2B
7
The basic circuit shown in Figure 46 shows connections
for a full 4-wire connection to the sensor, which may be
located remotely. The differential input connections will
reject induced or coupled 60Hz interference, however, the
reference inputs do not have the same rejection. If 60Hz or
other noise is present on the reference input, a low pass
filter is recommended as shown in Figure 47. Note that you
cannot place a large capacitor directly at the junction of R1
and R2, as it will store charge from the sampling process.
A better approach is to produce a low pass filter decoupled
from the input lines with a high value resistor (R3).
The use of a third resistor in the half bridge, between the
variable and fixed elements gives essentially the same
result as the two resistor version, but has a few benefits.
If, for example, a 25k reference resistor is used to set the
excitation current with a 100
Ω RTD, the negative refer-
ence input is sampling the same external node as the
positive input, but may result in errors if used with a long
cable. For short cable applications, the errors may be
acceptably low. If instead the single 25k resistor is re-
placed with a 10k 5% and a 10k 0.1% reference resistor,
the noise level introduced at the reference, at least at
higher frequencies, will be reduced. A filter can be intro-
duced into the network, in the form of one or more
capacitors, or ferrite beads, as long as the sampling pulses
are not translated into an error. The reference voltage is
also reduced, but this is not undesirable, as it will decrease
the value of the LSB, although, not the input referred noise
level.
The circuit shown in Figure 47 shows a more rigorous
example of Figure 46, with increased noise suppression
and more protection for remote applications.
Figure 48 shows an example of gain in the excitation circuit
and remote feedback from the bridge. The LTC1043’s
provide voltage multiplication, providing
±10V from a 5V
reference with only 1ppm error. The amplifiers are used at
unity-gain and, hence, introduce a very little error due to
gain error or due to offset voltages. A 1
µV/°Coffsetvoltage
drift translates into 0.05ppm/
°C gain error. Simpler alter-
natives, with the amplifiers providing gain using resistor
arrays for feedback, can produce results that are similar to
bridge sensing schemes via attenuators. Note that the
amplifiers must have high open-loop gain or gain error will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com