Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4259A Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4259A
Description  Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4259A Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4259A Datasheet HTML 13Page - Linear Technology LTC4259A Datasheet HTML 14Page - Linear Technology LTC4259A Datasheet HTML 15Page - Linear Technology LTC4259A Datasheet HTML 16Page - Linear Technology LTC4259A Datasheet HTML 17Page - Linear Technology LTC4259A Datasheet HTML 18Page - Linear Technology LTC4259A Datasheet HTML 19Page - Linear Technology LTC4259A Datasheet HTML 20Page - Linear Technology LTC4259A Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC4259A
17
4259Af
Dual-Level Current Limit
A PD is permitted to draw up to 15.4W continuously and
up to 400mA for 50ms. The LTC4259A has two correspond-
ing current limit thresholds, ICUT (375mA typ) and ILIM
(425mA typ). These are given by the equations:
ICUT = VCUT/RS, ILIM = VLIM/RS
RS is the sense resistor and should be 0.5Ω for IEEE
802.3af compliance. While the LTC4259A allows the port
current to exceed ICUT for a limited time period (see tICUT
timing below), it does not allow the current to exceed ILIM.
The current limit circuit monitors the port current by
monitoring the voltage across the sense resistor and re-
duces the MOSFET gate voltage as needed to keep the
current at or below ILIM. When the current drops below
ILIM, the gate voltage is restored to the full value to keep
the MOSFET resistance to a minimum.
tICUT Timing
Whenever more than ICUT = VCUT/RS flows through a port,
the port’s sense voltage is above VCUT and the tICUT timer
counts up. If the sense voltage is still above VCUT when the
tICUT timer expires, the LTC4259A will turn off the power
to the port immediately and set the appropriate tICUT Fault
bit in register 06h/07h. The tICUT timer duration can be pro-
grammed via register 16h, bits 3 and 2 (Table 1).
The tICUT timer is an up/down counter that is designed to
protect the external MOSFET from thermal stress caused
by repeatedly operating in current limit. The counter
counts up whenever the current is above ICUT and counts
down at 1/16th the rate when it is not. The counter will
bottom out at zero to prevent underflow. Full count indi-
cates that the tICUT timer has expired and the port will be
turned off.
This count up/count down behavior implements duty cycle
protection, preventing intermittent current limit faults from
causing cumulative thermal stress in the MOSFET. If the port
enters current limit but then exits before the timer expires,
the count will decrease slowly, giving the ICUT timer the
ability to turn off sooner in the case of a repetitive fault. If
the overcurrent duty cycle is less than 6.3% the tICUT timer
will be fully reset.
If the tICUT timer expires and causes the port to shut off, the
timer will continue to run, counting down at the slow
1/16th rate and preventing the port from being repowered
until the count returns to zero. This protects the MOSFET
from damage due to a faulty PD that may still have a valid
signature, or from errant software that repeatedly writes to
the Power On bit.
The port will not repower until after the tICUT counter
returns to zero. In manual and semiauto modes the power
enable command must be received after the tICUT counter
reaches zero. In auto mode the LTC4259A must complete
a valid detection cycle after the tICUT counter reaches zero.
tSTART Timing
To distinguish between normal turn-on current limit be-
havior and current limit faults which occur after power-up
is complete, the LTC4259A starts a timer (the tSTART timer)
whenever a power-up sequence begins.
The tSTART timer serves three functions. First and fore-
most, it allows the user to specify a different current limit
timeout (tSTART instead of tICUT) during turn-on (current
limit duty cycle protection remains functional). Second,
the DC disconnect timer is disabled during this period and
can only begin counting up after the tSTART timer has
expired. Together, these two features let the PD draw the
maximum current IINRUSH to charge its input capacitance,
boot up and begin drawing power without triggering a
tSTART fault. Finally, if the device is in current limit for the
entire tSTART period, a tSTART fault will be generated
instead of a tICUT fault. This can be useful for tracking down
the cause of a current fault.
As long as the PD draws less than ICUT at the end of tSTART
and begins drawing the minimum current within tDIS after
tSTART expires (if DC disconnect is enabled), no faults will
be indicated.
The tSTART timer also implements the duty cycle protec-
tion described under tICUT timing and its duration can be
programmed via register 16h, bits 5 and 4 (Table 1).
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com