Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4259A Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4259A
Description  Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4259A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4259A Datasheet HTML 17Page - Linear Technology LTC4259A Datasheet HTML 18Page - Linear Technology LTC4259A Datasheet HTML 19Page - Linear Technology LTC4259A Datasheet HTML 20Page - Linear Technology LTC4259A Datasheet HTML 21Page - Linear Technology LTC4259A Datasheet HTML 22Page - Linear Technology LTC4259A Datasheet HTML 23Page - Linear Technology LTC4259A Datasheet HTML 24Page - Linear Technology LTC4259A Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4259A
21
4259Af
at their rated voltage. Operated at half their rated voltage,
X7R capacitors exhibit more than 80% of their specified
capacitance. With other ceramic dielectrics commonly
used in 50V and 100V chip capacitors, capacitance falls
much more dramatically with voltage. At their rated volt-
age, Y5V or Z5U capacitors exhibit less than 30% of their
zero-bias capacitance. Ceramic capacitors can also have
significantly less capacitance at elevated temperatures. In
order to produce the desired capacitance at the operating
bias, 100V or 250V X7R capacitors should be used with
the LTC4259A.
As illustrated in Figure 17, the Power over Ethernet con-
nection between the PSE and PD includes a large amount
of capacitance. Cable capacitance is particularly troubling
because CAT-3 and CAT-5 pair-to-pair capacitance is not
tightly specified by the IEEE 802.3 standard or well con-
trolled by cable manufacturers. Considering that patch
panels, additional connectors, old wiring, etc. are likely to
be placed between the PSE and PD, pair-to-pair capaci-
tance is a pretty nebulous quantity. Consequently, the
cable’s contribution to the port impedance (at the fre-
quency used for AC disconnect) can be a concern.
Assumimg that fOSCIN is 100Hz, the 0.1µF of CPSE plus
0.05
µF of cable capacitance gives a port impedance of 10k
at 100Hz. The PD AC signature resistance is about 25k.
Connecting a PD with the maximum allowed resistance of
26.25k brings the connection impedance to about 8k. The
presence of a PD only makes a 20% reduction in the port
impedance requiring the AC disconnect circuitry to be
quite sensitive. When the OSCIN pin is driven with a sine
wave, the LTC4259A is able to distinguish between capaci-
tive impedance and resistive impedance on the Power over
Ethernet connection. AC disconnect is reliable for cable
capacitance up to about 0.2
µF, nearly an order of magni-
tude greater than worst case for a long CAT-3 or CAT-5
cable.
APPLICATIO S I FOR ATIO
Figure 16. AC Disconnect Single Port Application Circuit (Port 4 Shown)
Figure 17. Simplified AC Disconnect Circuit with Impedances at 100Hz
LEVEL
SHIFT
DETECT4
AGND
DGND
OSCIN
1/4
LTC4259A
–48V
GND
OUT4
ROUT4
10k
RS4
0.5
Ω 1%
DDET4
CMPD3003
PD
RDET4
1k
Rpd_d
≤26.25k
Cpd_d
≥0.05µF
CDET4
0.47
µF
100V X7R
CPSE4
0.1
µF
100V X7R
4259A F16
DAC4
S1B
Q4
GATE4
SENSE4
VEE
OSCILLATOR
INPUT
CURRENT
SENSE
RDET
1k
ZLINK < 14k
ZCABLE < 32k
PD
~16k
~7k
ZPD < 14k
CDET
0.47
µF
CPSE
0.10
µF
CCABLE ≤ 0.05µF
<32k
Cpd_d ≥ 0.05µFRpd_d < 26.25k
4259A F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com