Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4259A Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4259A
Description  Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4259A Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4259A Datasheet HTML 24Page - Linear Technology LTC4259A Datasheet HTML 25Page - Linear Technology LTC4259A Datasheet HTML 26Page - Linear Technology LTC4259A Datasheet HTML 27Page - Linear Technology LTC4259A Datasheet HTML 28Page - Linear Technology LTC4259A Datasheet HTML 29Page - Linear Technology LTC4259A Datasheet HTML 30Page - Linear Technology LTC4259A Datasheet HTML 31Page - Linear Technology LTC4259A Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC4259A
30
4259Af
APPLICATIO S I FOR ATIO
if a PSE powers a PD it must be able to provide the
maximum power level requested by the PD based on the
PD’s classification. The specification does allow a PSE to
choose not to power a port because the PD requires more
power than the PSE has left to deliver. If a PSE is built with
a VEE supply capable of less than 15.4W • (number of
PSE’s Ethernet ports), it must implement a power alloca-
tion algorithm that prevents ports from being powered
when there is insufficient power. Because the specifica-
tion also requires the PSE to supply 400mA at up to a 5%
duty cycle, the VEE supply capability should be at least a
few percent more than the maximum total power the PSE
will supply to PDs. Finally, the LTC4259As draw current
from VEE. If the VDD supply is generated from VEE, that
power divided by the switcher efficiency must also be
added to the VEE supply’s capability.
OSCIN Input
AC disconnect also relies on an oscillating signal applied
to the OSCIN pin. Requirements for this signal are pro-
vided in the OSCIN Input and Oscillator Requirements
section. Out-of-band noise on the OSCIN pin will disrupt
the LTC4259A’s ability to sense the absence of a PD. Any
noise present at the OSCIN pin is amplified by the LTC4259A
and driven out of the DETECT pins (of powered ports with
AC disconnect enabled). Due to the amount of capacitance
connected to the DETECT pins, driving this noise can
easily require more than IACDMIN, tripping the DETECT pin
current sense and keeping the port powered. During
circuit board layout, keep wiring from the oscillator to the
OSCIN pin away from noise sources like digital clock and
data lines. A single-stage RC lowpass filter (shown in
Figure 20) will attenuate out-of-band noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com