Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51132L Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M51132L
Description  2ch Electronic Volume Balance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51132L Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M51132L Datasheet HTML 4Page - Renesas Technology Corp M51132L Datasheet HTML 5Page - Renesas Technology Corp M51132L Datasheet HTML 6Page - Renesas Technology Corp M51132L Datasheet HTML 7Page - Renesas Technology Corp M51132L Datasheet HTML 8Page - Renesas Technology Corp M51132L Datasheet HTML 9Page - Renesas Technology Corp M51132L Datasheet HTML 10Page - Renesas Technology Corp M51132L Datasheet HTML 11Page - Renesas Technology Corp M51132L Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M51132L/FP
Rev.1.0, Sep.05.2003, page 8 of 11
Switch Condition and Test Method
Switch
Item
Symbol
S1-1
S1-2
S2
S3
S4
S5
S6
S7
S8-1
S8-2
Test Method
Circuit current
Icco
2
2
3
3
2
2
1
2
1
1
Measure the current flowing to pin
(1) in quiescent state
1
2
ATTo
1
1
1
2
2
1
1/2
2
1
1
3
2
Attenuation
Att-
1
1
3
2
2
1
1/2
1
1
1
Obtain from the equation
ATT(dB) = 20 log(Vo/Vi)
ATT-
∞ is IHF-A in
1
2
Channel balance
CB
1
1
1
2
2
1
1
→2 2
1
1
CB(dB) = ATTch1 – ATTch2
1
2
Total harmonic
distortion
THD
1
1
1
2
2
1
1/2
2
1
1
15 kHz LPF in
1
1
→2
Input resistor
Ri
1
1
1
1
2
2
2
2
1
→2
Given the output as Vo1 when
S8
→1 and the output as Vo2 when
S8
→2, Ri(kΩ) = 150/(Vo1/Vo2 – 1)
1
1
Balance
attenuation
BAL
1
1
1
3
2
1
2
1
1
1
BAL(dB) = 20 log(Vo/Vi)
3
2
Nomin
2
2
3
2
2
1
1/2
1
1
1
IHF-A in
1
2
Output noise
voltage
Nomax
2
2
1
2
2
1
1/2
1
1
1
IHF-A in
2
Maximum input
voltage
Vimax
1
1
2
2
2
1
1/2
2
1
1
Input signal voltage when the
output distortion rate is 1%
1
2
Maximum output
voltage
Vomax
1
1
1
2
2
1
1/2
2
1
1
Output signal voltage when the
output distortion rate is 1%
3
1
1
Crosstalk
CT
1
3
1
1
2
2
2
1
1
1
IHF-A in, CT(dB) = 20 log
(Vo(Vrms)/2(Vrms))
Pass through
voltage gain
GVP
1
1
3
3
1
2
1/2
2
1
1
GVP(dB) = 20 log(Vo/Vi)
Pass through
channel balance
CBP
1
1
3
3
1
2
1
→2 2
1
1
GBP(dB) = GVpch1 – GVpch2
Note:
If the parameter is separated into two rows. All the switching conditions in the upper row and all the switching
conditions in the lower row are measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com