Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51132L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M51132L
Description  2ch Electronic Volume Balance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51132L Datasheet(HTML) 1 Page - Renesas Technology Corp

  M51132L Datasheet HTML 1Page - Renesas Technology Corp M51132L Datasheet HTML 2Page - Renesas Technology Corp M51132L Datasheet HTML 3Page - Renesas Technology Corp M51132L Datasheet HTML 4Page - Renesas Technology Corp M51132L Datasheet HTML 5Page - Renesas Technology Corp M51132L Datasheet HTML 6Page - Renesas Technology Corp M51132L Datasheet HTML 7Page - Renesas Technology Corp M51132L Datasheet HTML 8Page - Renesas Technology Corp M51132L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.1.0, Sep.05.2003, page 1 of 11
M51132L/FP
2ch Electronic Volume
•Balance
REJ03F0026-0100Z
Rev.1.0
Sep.05.2003
Description
The M51132 is a VCA (Voltage Controlled Amplifier) IC developed as an electronic volume control for audio-visual
equipment. The IC is used to process small analog signals at the stage before power amplifier. Right/left independent
volume control or right/left simultaneous volume control can be selected by DC voltages. Its built-in pass through
function, in combination with an ALC amplifier, offers the capability of automatic level control.
Features
• Two control modes can be selected.
(Left/right independent volume control mode or left/right simultaneous volume + balance control mode.)
• Pass through switch is included to output the input signal as it is, irrespective of the volume/balance control
voltages.
• Shock noise reduction pin is provided to reduce pass through switch on/off shock noise.
• Built-in reference supply voltage circuit: output current 10 mA (Typ.)
• Maximum input: 3.4 Vrms (Typ.) (f = 1 kHz, THD = 1%)
• Low distortion: 0.005% (Typ.)
• Good channel separation: 102 dB (Typ.) (f = 1 kHz, Vo = 2 Vrms, IHF-A)
Recommended Operating Conditions
• Supply voltage range: Vcc = 8 to 15 V
• Rated supply voltage: Vcc = 12 V
System Configuration


Similar Part No. - M51132L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
More results

Similar Description - M51132L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
2ch Electronic Volume with Surround
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
2ch Electronic Volume with Surround
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
2ch Electronic Volume
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
2ch Electronic Volume with Dynamic Bass Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com