Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51132L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M51132L
Description  2ch Electronic Volume Balance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51132L Datasheet(HTML) 3 Page - Renesas Technology Corp

  M51132L Datasheet HTML 1Page - Renesas Technology Corp M51132L Datasheet HTML 2Page - Renesas Technology Corp M51132L Datasheet HTML 3Page - Renesas Technology Corp M51132L Datasheet HTML 4Page - Renesas Technology Corp M51132L Datasheet HTML 5Page - Renesas Technology Corp M51132L Datasheet HTML 6Page - Renesas Technology Corp M51132L Datasheet HTML 7Page - Renesas Technology Corp M51132L Datasheet HTML 8Page - Renesas Technology Corp M51132L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M51132L/FP
Rev.1.0, Sep.05.2003, page 3 of 11
Pin Description
Pin No.
Pin Name
Function
Typical DC Voltage
1
Vcc
DC 8 to 15 V is applied (rated voltage 12 V)
2
Input 1
Maximum input 3.4 Vrms (Typ.)
5.5 V
3
Output 1
4.8 V
4
Reference supply voltage
output
Maximum output current 10 mA (Typ.) built-in short
circuit protection circuit
5.2 V
5
Filter
12 V
6
No connection
Can be used for wire repeater to GND, etc.
7
GND
8
Volume/volume 1 control
Left/right simultaneous volume or channel 1 volume is
controlled by this value in the range of 0 to 5.2 V DC.
9
Pass through switch
shock noise reduction
Transit noise to the ear is softened by slowly switching
between pass through and VCA with time constant when
the pass through switch is turned on/off. The time
constant is determined by externally connected
capacitor. T(sec) = 1.2
× C × 20k
5.2 V for pass through
and 0 V for VCA
10
Balance/volume 2 control
Balance or channel 2 volume is controlled with 0 to 5.2 V
11
Pass through/VCA switch
Operates as VCA with 0 V, and passes through the input
to output with 5.2 V
12
Control mode switch
Operates as channel 1 volume at pin 8 and as channel 2
volume at pin 10 with 0 V.
Operates as channel 1 and channel 2 simultaneous
volume at pin 8 and as balance at pin 10 with 5.2 V.
13
Output 2
4.8 V
14
Input 2
Maximum input 3.4 Vrms (Typ.)
5.5 V
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
Vcc
15.5
V
Quiescent
Circuit current
Icc
40
mA
Power dissipation
Pd
800(L)/550(FP)
mW
When mounted on PC board
Thermal derating
K
θ
8.0(L)/5.5(FP)
mW/°C
Ta
≥ 25°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com