Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJCLMS1.EC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # GWJCLMS1.EC
Description  Indoor General Lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJCLMS1.EC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button GWJCLMS1.EC Datasheet HTML 3Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 4Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 5Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 6Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 7Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 8Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 9Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 10Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.5
GW JCLMS1.EC
2016-09-13
7
Color Chromaticity Groups 7) page 25
Farbortgruppen 7) Seite 25
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5C
0.3055
0.3177
5M
0.3746
0.3624
7S
0.4305
0.4019
0.3068
0.3113
0.3773
0.3726
0.4346
0.4108
0.3108
0.3229
0.3822
0.3670
0.4386
0.4048
0.3119
0.3162
0.3853
0.3776
0.4430
0.4138
6C
0.3041
0.3240
6M
0.3773
0.3726
8S
0.4346
0.4108
0.3055
0.3177
0.3799
0.3828
0.4387
0.4197
0.3098
0.3296
0.3853
0.3776
0.4430
0.4138
0.3108
0.3229
0.3885
0.3882
0.4474
0.4228
7C
0.3028
0.3304
7M
0.3799
0.3828
5T
0.4298
0.3867
0.3041
0.3240
0.3826
0.3931
0.4342
0.3957
0.3087
0.3363
0.3885
0.3882
0.4373
0.3893
0.3098
0.3296
0.3916
0.3987
0.4420
0.3985
5D
0.3108
0.3229
5N
0.3822
0.3670
6T
0.4342
0.3957
0.3119
0.3162
0.3853
0.3776
0.4386
0.4048
0.3162
0.3282
0.3898
0.3716
0.4420
0.3985
0.3170
0.3212
0.3934
0.3825
0.4468
0.4077
6D
0.3098
0.3296
6N
0.3853
0.3776
7T
0.4386
0.4048
0.3108
0.3229
0.3885
0.3882
0.4430
0.4138
0.3154
0.3352
0.3934
0.3825
0.4468
0.4077
0.3162
0.3282
0.3970
0.3935
0.4515
0.4168
7D
0.3087
0.3363
7N
0.3885
0.3882
8T
0.4430
0.4138
0.3098
0.3296
0.3916
0.3987
0.4474
0.4228
0.3146
0.3422
0.3970
0.3935
0.4515
0.4168
0.3154
0.3352
0.4006
0.4044
0.4562
0.4260
5E
0.3162
0.3282
5O
0.3890
0.3690
5U
0.4373
0.3893
0.3170
0.3212
0.3916
0.3772
0.4420
0.3985
0.3216
0.3334
0.3975
0.3731
0.4428
0.3906
0.3221
0.3262
0.4006
0.3815
0.4477
0.3998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com