Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJCLMS1.EC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GWJCLMS1.EC
Description  Indoor General Lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJCLMS1.EC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GWJCLMS1.EC Datasheet HTML 9Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 10Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 11Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 12Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 13Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 14Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 15Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 16Page - OSRAM GmbH GWJCLMS1.EC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Version 1.5
GW JCLMS1.EC
2016-09-13
13
Forward Current 6) page 25 , 8) page 25
Durchlassstrom 6) Seite 25 , 8) Seite 25
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 25 , 8) page 25
Relativer Lichtstrom 6) Seite 25 , 8) Seite 25
ΦV/ΦV(65 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 25
Farbortverschiebung 6) Seite 25
ΔCx, ΔCy = f(IF); TS = 25 °C
GW JCLMS1.EC
2,75
3,45
3,0
3,2
VF
[V]
10
150
20
40
60
80
100
120
140
IF
[mA]
GW JCLMS1.EC
10
15
0
40
60
80
10
0
12
0
IF
[mA]
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
ΦV
ΦV
(65mA)
GW JCLMS1.EC
10
15
0
40
60
80
10
0
12
0
IF
[mA]
-0,02
-0,01
0,00
0,01
0,02
∆
Cx
∆
Cy
: ∆ Cx - White
: ∆ Cy - White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com