Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWP7LP32.PM-RUSP-XX53-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWP7LP32.PM-RUSP-XX53-1
Description  Directional retrofits
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7LP32.PM-RUSP-XX53-1 Datasheet(HTML) 1 Page - OSRAM GmbH

  GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 1Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 2Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 3Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 4Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 5Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 6Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 7Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 8Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-05-09
1
2017-05-09
DURIS
® S 10
Datasheet
Version 1.0
GW P7LP32.PM
DURIS® S 10, latest addition of chip-array SMD
family, creates a single spot light design with excellent
color uniformity appearance. In a 7.0x7.0mm footprint,
it’s new level of light output makes it a perfect choice
for powerful & cost effective general lighting solutions.
DURIS® S 10, latest addition of chip-array SMD
family, creates a single spot light design with excellent
color uniformity appearance. In a 7.0x7.0mm footprint,
it’s new level of light output makes it a perfect choice
for powerful & cost effective general lighting solutions.
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 4000 K - 6500 K (white)
•
Farbe: 4000 K - 6500 K (weiß)
•
CRI: min. 70
•
CRI: min. 70
•
Luminous Flux: typ. 1730 lm @ 5000 K
•
Lichtstrom: typ. 1730 lm @ 5000 K
•
Luminous efficacy: typ. 152 lm/W @ 5000 K
•
Lichtausbeute: typ. 152 lm/W @ 5000 K
Applications
Anwendungen
•
Directional retrofits
•
Direktionale Retrofits
•
Downlights
•
Downlights
•
Omnidirectional retrofits
•
Omnidirektionale Retrofits
•
Spot lights
•
Spot-Leuchten


Similar Part No. - GWP7LP32.PM-RUSP-XX53-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.CM OSRAM-GWP7LP32.CM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GWP7LP32.EM-RQRS-XX58-1 OSRAM-GWP7LP32.EM-RQRS-XX58-1 Datasheet
1Mb / 24P
DURIS S 10
GWP7LP32.EM-RRRS-XX58-1 OSRAM-GWP7LP32.EM-RRRS-XX58-1 Datasheet
1Mb / 24P
DURIS S 10
GWP7LP32.EM-RRRT-XX54-1 OSRAM-GWP7LP32.EM-RRRT-XX54-1 Datasheet
1Mb / 24P
DURIS S 10
More results

Similar Description - GWP7LP32.PM-RUSP-XX53-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP9LR33.CM OSRAM-GWP9LR33.CM Datasheet
1Mb / 24P
Directional retrofits
GWP9LR31.EM OSRAM-GWP9LR31.EM Datasheet
2Mb / 24P
Directional retrofits
GWP9LT31.EM OSRAM-GWP9LT31.EM Datasheet
2Mb / 24P
Directional retrofits
GWP7LL31.EM OSRAM-GWP7LL31.EM Datasheet
1Mb / 24P
Directional retrofits
GWP7LM32.PM OSRAM-GWP7LM32.PM Datasheet
1Mb / 24P
Directional retrofits
GWP9LR32.EM OSRAM-GWP9LR32.EM Datasheet
2Mb / 24P
Directional retrofits
GWP9LT32.EM OSRAM-GWP9LT32.EM Datasheet
1Mb / 24P
Directional retrofits
GWP7LL32.EM OSRAM-GWP7LL32.EM Datasheet
1Mb / 24P
Directional retrofits
GWP9LR32.CM OSRAM-GWP9LR32.CM Datasheet
1Mb / 24P
Directional retrofits
GWP9LT32.CM OSRAM-GWP9LT32.CM Datasheet
1Mb / 24P
Directional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com