Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWP7LP32.PM-RUSP-XX53-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWP7LP32.PM-RUSP-XX53-1
Description  Directional retrofits
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7LP32.PM-RUSP-XX53-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 1Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 2Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 3Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 4Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 5Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 6Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 7Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 8Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2017-05-09
4
Version 1.0
GW P7LP32.PM
Characteristics (TJ = 25 °C; IF = 300 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
37.0
38.0
40.0
V
V
V
Reverse voltage
Sperrspannung
(I
R = 20 mA)
(max.)
VR
1.2
V
Color rendering index
Farbwiedergabe Index
(min.)
R
a
70
-
Real thermal resistance junction / solder point
Realer Wärmewiderstand Sperrschicht / Lötpad
(typ.)
(max.)
Rth JS real
Rth JS real
1.82
2.46
K/W
K/W
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
(with efficiency η
e = 32 %)
(typ.)
(max.)
R
th JS el
Rth JS el
1.2
1.7
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
2) page 23
2) Seite 23
3) page 23
3) Seite 23
4) page 23
4) Seite 23
"Electrical" thermal resistance junction / solder point
4) page 23
4) Seite 23
(4000K - 6500K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com