Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWP7LP32.PM-RUSP-XX53-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWP7LP32.PM-RUSP-XX53-1
Description  Directional retrofits
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7LP32.PM-RUSP-XX53-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 1Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 2Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 3Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 4Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 5Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 6Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 7Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 8Page - OSRAM GmbH GWP7LP32.PM-RUSP-XX53-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.0
GW P7LP32.PM
2017-05-09
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Group
Luminous Flux
Luminous Flux
Luminous Intensity
Gruppe
Lichtstrom
Lichtstrom
Lichtstärke
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
RT
1500
1640
499.7
RU
1640
1800
547.5
SP
1800
1940
595.2
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
GA
37.00
38.00
SA
38.00
39.00
3A
39.00
40.00
1) page 23
1) Seite 23
1) page 23
1) Seite 23
5) page 23
5) Seite 23
2) page 23
2) Seite 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com