Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7450ARMZ
Description  Differential Input, 1 MSPS 12-Bit ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7450ARMZ Datasheet HTML 3Page - Analog Devices AD7450ARMZ Datasheet HTML 4Page - Analog Devices AD7450ARMZ Datasheet HTML 5Page - Analog Devices AD7450ARMZ Datasheet HTML 6Page - Analog Devices AD7450ARMZ Datasheet HTML 7Page - Analog Devices AD7450ARMZ Datasheet HTML 8Page - Analog Devices AD7450ARMZ Datasheet HTML 9Page - Analog Devices AD7450ARMZ Datasheet HTML 10Page - Analog Devices AD7450ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
–6–
AD7450
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
VREF
VIN+
VIN–
VDD
SCLK
SDATA
CS
GND
AD7450
PIN FUNCTION DESCRIPTION
Pin Number
Mnemonic
Function
1VREF
Reference Input for the AD7450. An external reference must be applied to this input. For a
5 V power supply, the reference is 2.5 V (
±1%), and for a 3 V power supply, the reference is
1.25 V (
±1%) for specified performance. This pin should be decoupled to GND with a
capacitor of at least 0.1
µF. See the References section for more details.
2VIN+
Positive Terminal for Differential Analog Input
3VIN–
Negative Terminal for Differential Analog Input
4
GND
Analog Ground. Ground reference point for all circuitry on the AD7450. All analog input
signals and any external reference signal should be referred to this GND voltage.
5
CS
Chip Select. Active low logic input. This input provides the dual function of initiating a
conversion on the AD7450 and framing the serial data transfer.
6
SDATA
Serial Data. Logic output. The conversion result from the AD7450 is provided on this
output as a serial data stream. The bits are clocked out on the falling edge of the SCLK
input. The data stream consists of four leading zeros followed by the 12 bits of conversion
data that is provided MSB first. The output coding is two’s complement.
7
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part.
This clock input is also used as the clock source for the AD7450’s conversion process.
8VDD
Power Supply Input. VDD is 3 V (
±10%) or 5 V (±5%). This supply should be decoupled to
GND with a 0.1
µF capacitor and a 10 µF tantalum capacitor.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com