Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7450ARMZ
Description  Differential Input, 1 MSPS 12-Bit ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD7450ARMZ Datasheet HTML 1Page - Analog Devices AD7450ARMZ Datasheet HTML 2Page - Analog Devices AD7450ARMZ Datasheet HTML 3Page - Analog Devices AD7450ARMZ Datasheet HTML 4Page - Analog Devices AD7450ARMZ Datasheet HTML 5Page - Analog Devices AD7450ARMZ Datasheet HTML 6Page - Analog Devices AD7450ARMZ Datasheet HTML 7Page - Analog Devices AD7450ARMZ Datasheet HTML 8Page - Analog Devices AD7450ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
© Analog Devices, Inc., 2002
AD7450
Differential Input, 1 MSPS
12-Bit ADC in SOIC-8 and SO-8
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
FEATURES
Fast Throughput Rate: 1 MSPS
Specified for VDD of 3 V and 5 V
Low Power at Max Throughput Rate:
3.75 mW Max at 833 kSPS with 3 V Supplies
9 mW Max at 1 MSPS with 5 V Supplies
Fully Differential Analog Input
Wide Input Bandwidth:
70 dB SINAD at 300 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High-Speed Serial Interface—SPITM/QSPITM
MICROWIRETM/DSP Compatible
Power-Down Mode: 1
A Max
8-Lead
SOIC and SOIC Packages
APPLICATIONS
Transducer Interface
Battery-Powered Systems
Data Acquisition Systems
Portable Instrumentation
Motor Control
Communications
FUNCTIONAL BLOCK DIAGRAM
12-BIT SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
AD7450
VIN+
SCLK
CS
SDATA
VIN–
VREF
GND
VDD
T/H
GENERAL DESCRIPTION
The AD7450 is a 12-bit, high-speed, low power, successive
approximation (SAR) analog-to-digital converter that features a
fully differential analog input. It operates from a single 3 V or 5 V
power supply and features throughput rates up to 833 kSPS or
1 MSPS, respectively.
This part contains a low noise, wide bandwidth, differential track-
and-hold amplifier (T/H) that can handle input frequencies in
excess of 1 MHz with the –3 dB point typically being 20 MHz.
The reference voltage for the AD7450 is applied externally to the
VREF pin and can be varied from 100 mV to 3.5 V, depending
on the power supply and what suits the application. The value of
the reference voltage determines the common-mode voltage
range of the part. With this truly differential input structure and
variable reference input, the user can select a variety of input
ranges and bias points.
The conversion and data acquisition processes are controlled
using
CS and the serial clock, allowing the device to interface
with microprocessors or DSPs. The input signals are sampled
on the falling edge of
CS, and the conversion is also initiated at
this point.
The SAR architecture of this part ensures that there are no
pipeline delays.
The AD7450 uses advanced design techniques to achieve low
power dissipation at high throughput rates.
PRODUCT HIGHLIGHTS
1. Operation with either 3 V or 5 V power supplies.
2. High throughput with low power consumption. With a 3 V
supply, the AD7450 offers 3.75 mW max power consumption
for 833 kSPS throughput.
3. Fully differential analog input.
4. Flexible power/serial clock speed management. The conversion
rate is determined by the serial clock, allowing the power
to be reduced as the conversion time is reduced through
the serial clock speed increase. This part also features a
shutdown mode to maximize power efficiency at lower
throughput rates.
5. Variable voltage reference input.
6. No pipeline delay.
7. Accurate control of the sampling instant via a
CS input and
once-off conversion control.
8. ENOB > 8 bits typically with 100 mV reference.
Rev. A
Fax: 781/461/3113


Similar Part No. - AD7450ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450ARMZ AD-AD7450ARMZ Datasheet
435Kb / 22P
Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ AD-AD7450ARMZ Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ-REEL7 AD-AD7450ARMZ-REEL7 Datasheet
435Kb / 22P
Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ-REEL7 AD-AD7450ARMZ-REEL7 Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
More results

Similar Description - AD7450ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7952 AD-AD7952 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7450BRZ AD-AD7450BRZ Datasheet
435Kb / 22P
Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7450 AD-AD7450_15 Datasheet
435Kb / 22P
Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com