Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7450ARMZ
Description  Differential Input, 1 MSPS 12-Bit ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7450ARMZ Datasheet HTML 4Page - Analog Devices AD7450ARMZ Datasheet HTML 5Page - Analog Devices AD7450ARMZ Datasheet HTML 6Page - Analog Devices AD7450ARMZ Datasheet HTML 7Page - Analog Devices AD7450ARMZ Datasheet HTML 8Page - Analog Devices AD7450ARMZ Datasheet HTML 9Page - Analog Devices AD7450ARMZ Datasheet HTML 10Page - Analog Devices AD7450ARMZ Datasheet HTML 11Page - Analog Devices AD7450ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AD7450
–7–
TERMINOLOGY
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal-to-(noise + distortion) at
the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digitiza-
tion process; the more levels, the smaller the quantization noise.
The theoretical signal-to-(noise + distortion) ratio for an ideal
N-bit converter with a sine wave input is given by:
Signal–to–(Noise + Distortion) = (6.02 N + 1.76) dB
Thus, for a 12-bit converter, this is 74 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7450, it is defined as:
THD dB
VVV
VV
V
()
=
++
++
20
2
2
3
2
4
2
5
2
6
2
1
log
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second to the sixth
harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is deter-
mined by the largest harmonic in the spectrum, but for ADCs
where the harmonics are buried in the noise floor, it will be a
noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and fb,
any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m and n = 0, 1, 2, or 3. Intermodulation distortion terms are those
for which neither m nor n are equal to zero. For example, the
second order terms include (fa + fb) and (fa – fb), while the third
order terms include (2fa + fb), (2fa – fb), (fa + 2fb), and (fa –2fb).
The AD7450 is tested using the CCIF standard, where two
input frequencies near the top end of the input bandwidth are
used. In this case, the second order terms are usually distanced
in frequency from the original sine waves, while the third order
terms are usually at a frequency close to the input frequencies.
As a result, the second and third order terms are specified
separately. The calculation of the intermodulation distortion is
as per the THD specification, where it is the ratio of the rms sum
of the individual distortion products to the rms amplitude of the
sum of the fundamentals expressed in dBs.
Aperture Delay
This is the amount of time from the leading edge of the sampling
clock until the ADC actually takes the sample.
Aperture Jitter
This is the sample-to-sample variation in the effective point in
time at which the actual sample is taken.
Full Power Bandwidth
The full power bandwidth of an ADC is that input frequency at
which the amplitude of the reconstructed fundamental is reduced
by 0.1 dB or 3 dB for a full-scale input.
Common-Mode Rejection Ratio (CMRR)
The common-mode rejection ratio is defined as the ratio of the
power in the ADC output at full-scale frequency, f, to the power
of a 200 mV p-p sine wave applied to the common-mode volt-
age of VIN+ and VIN– of frequency fs:
CMRR dB
Pf Pfs
()
log (
/
)
= 10
Pf is the power at the frequency f in the ADC output; Pfs is the
power at frequency fs in the ADC output.
Integral Nonlinearity (INL)
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function.
Differential Nonlinearity (DNL)
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Zero Code Error
This is the deviation of the midscale code transition (111...111
to 000...000) from the ideal VIN+ – VIN– (i.e., 0 LSB).
Positive Gain Error
This is the deviation of the last code transition (011...110 to
011...111) from the ideal VIN+ – VIN– (i.e., +VREF – 1 LSB),
after the zero code error has been adjusted out.
Negative Gain Error
This is the deviation of the first code transition (100...000 to
100...001) from the ideal VIN+ – VIN– (i.e., –VREF + 1 LSB), after
the zero code error has been adjusted out.
Track and Hold Acquisition Time
The track and hold acquisition time is the minimum time re-
quired for the track and hold amplifier to remain in track mode
for its output to reach and settle to within 0.5 LSB of the ap-
plied input signal.
Power Supply Rejection Ratio (PSRR)
The power supply rejection ratio is defined as the ratio of the
power in the ADC output at full-scale frequency, f, to the power
of a 200 mV p-p sine wave applied to the ADC VDD supply of
frequency fS.
PSRR dB
log Pf /Pfs
()
(
)
= 10
Pf is the power at frequency f in the ADC output; Pfs is the
power at frequency fs in the ADC output.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com