Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7709 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7709
Description  16-Bit ADC with Switchable Current Sources
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7709 Datasheet HTML 12Page - Analog Devices AD7709 Datasheet HTML 13Page - Analog Devices AD7709 Datasheet HTML 14Page - Analog Devices AD7709 Datasheet HTML 15Page - Analog Devices AD7709 Datasheet HTML 16Page - Analog Devices AD7709 Datasheet HTML 17Page - Analog Devices AD7709 Datasheet HTML 18Page - Analog Devices AD7709 Datasheet HTML 19Page - Analog Devices AD7709 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
REV. A
AD7709
–15–
Status Register (A1, A0 = 0, 0; Power-On-Reset = 00H)
The ADC Status Register is an 8-bit read-only register. To access the ADC Status Register, the user must write to the Communica-
tions Register, selecting the next operation to be a read and load bits A1–A0 with 0, 0. Table VI outlines the bit designations for the
Status Register. SR0 to SR7 indicate the bit location, SR denoting the bits are in the Status Register. SR7 denotes the first bit of the
data stream. The number in brackets indicates the power-on-reset default status of that bit.
Table VI. Status Register Bit Designations
Bit
Bit
Location
Name
Description
SR7
RDY
Ready Bit for ADC.
Set when data is written to the ADC data register.
The RDY bit is cleared automatically after the ADC data register has been read or a period of time before
the data register is updated with a new conversion result.
SR6
0This bit is automatically cleared.
SR5
0This bit is automatically cleared.
SR4
0This bit is automatically cleared.
SR3
ERR
ADC Error Bit. This bit is set at the same time as the RDY bit.
Set to indicate that the result written to the ADC data register has been clamped to all zeros or all ones.
Error sources include Overrange, Underrange.
Cleared by a write to the mode bits to initiate a conversion.
SR2
0This bit is automatically cleared.
SR1
STBY
Standby Bit Indication.
When this bit is set, the AD7709 is in power-down mode.
This bit is cleared when the ADC is powered up.
SR0
LOCK
PLL Lock Status Bit.
Set if the PLL has locked onto the 32.768 kHz crystal oscillator clock. If the user is worried about exact
sampling frequencies, etc., the LOCK bit should be interrogated and the result discarded if the LOCK
bit is 0.
7
R
S6
R
S5
R
S4
R
S3
R
S2
R
S1
R
S0
R
S
)
0
(
Y
D
R)
0
(
0)
0
(
0)
0
(
0)
0
(
R
R
E)
0
(
0)
0
(
Y
B
T
S)
0
(
K
C
O
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com